Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 39Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 40Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 41Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 42Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 43Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 44Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 45Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 46Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
43 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
12.2 Initialization
Reset is accomplished by applying an external reset pulse (active LOW) at pad RES.
When reset occurs within the specified time, all internal registers are reset, however the
RAM is still undefined. The state after reset is described in Section 12.3. Pad RES must
be
≤ 0.3 V
DD1 when VDD1 reaches VDD(min) (or higher) within a maximum time tVHRL after
VDD1 goes HIGH; see Figure 47.
A reset can also be achieved by sending a reset command. This command can be used
during normal operation but not to initialize the chip after power-on.
12.3 Reset function
12.3.1 Basic command set
After reset the LCD driver has the following state:
• Display setting E = 0 and DAL = 0
• Address commands X[6:0] = 0 and Y[3:0] = 0
• VLCD is equal to 0, the HV multiplier is switched off (PC[1:0] = 00)
• No offset of the programming range (VOFF[2:0] = 0)
• HV multiplier programming (VPR[5:0] = 0)
• 4
× voltage multiplier (S[1:0] = 00)
• After power-on, RAM data is undefined, the reset signal does not change the content
of the RAM
• All LCD outputs at VSS (display off)
• Initial display line set to line 0 (L[6:0] = 0)
• Initial row set to row 0 (C[6:0] = 0)
• Full display selected (P[6:0] = multiplex rate 1:80 or 1:64)
• Display is not mirrored (MX = 0; MY = 0)
• Internal oscillator is off
• Power-save mode is on
• No frame calibration is running
12.3.2 Extended command set
After reset the LCD driver has the following state:
• Display settings E = 0 and DAL = 0
011
5
× voltage multiplier
100
4
× voltage multiplier
101
5
× voltage multiplier
110
6
× voltage multiplier
111
7
× voltage multiplier
Table 21.
Multiplication settings …continued
S[2:0]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com