Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 44Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 45Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 46Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 47Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 48Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 49Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 50Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 51Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
48 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
The row voltages (F) are not necessarily larger then the column voltages. This depends
on the number of rows which are selected, the multiplexibility and the value of p. However,
the PCF8811 is designed in such a way that the maximum column voltages are always
equal to the row voltages. In Table 24 the VLCD and the different bias levels are given for
the PCF8811. The VLCD voltage is defined as:
(2)
Where F is defined in Equation 1.
The bias system settings for different display modes are given in Table 24. All bias levels
can be calculated by using the third column of Table 23 and the variables given in
Table 24. Programming of the bias levels is not necessary in the PCF8811. The selection
of the appropriate bias level voltages for each display mode is done automatically. Only
the appropriate VLCD voltage must be programmed according to Equation 1 and
Equation 2 for the display modes listed in Table 24.
The variables for calculating VLCD, when the icon row is enabled, are given in Table 25.
The icon row can only be addressed in the extended command set.
The PCF8811 allows the value of p for certain multiplex rates to be chosen manually. This
is only possible for the multiplex rates 1:64 and 1:80. If other multiplex rates are chosen
the PCF8811 determines the optimum value of p. By setting the value of p manually a
compromise can be made between contrast and power consumption with certain liquids
for the high multiplex rates 1:64 and 1:80. However, care must be taken that the liquid
which is chosen ensures that the row voltages (F) and the maximum column voltages are
equal.
V3_L
VSS
−FV
SS
Table 24.
Relationship between multiplex rates and bias setting variables without icon row
Multiplex rate
Variable
N
m
p
1:16
16
25
2
1:24
24
49
2
1:32
32
81
2
1:40
40
49
4
1:48
48
64
4
1:56
56
81
4
1:64
64
64
8
1:72
72
81
8
1:80
80
81
8
Table 23.
Bias levels for MRA driving method …continued
Symbol
Bias voltages
DC shifted bias voltages
p2
–
()
–
F
mm
N
–
–
-----------------------------------
×
V
LCD
2
---------------
1
p2
–
()
mm
N
–
–
-----------------------------------
–


×
V
LCD
2F
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com