Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3521 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3521
Description  Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3521 Datasheet HTML 4Page - Linear Technology LTC3521 Datasheet HTML 5Page - Linear Technology LTC3521 Datasheet HTML 6Page - Linear Technology LTC3521 Datasheet HTML 7Page - Linear Technology LTC3521 Datasheet HTML 8Page - Linear Technology LTC3521 Datasheet HTML 9Page - Linear Technology LTC3521 Datasheet HTML 10Page - Linear Technology LTC3521 Datasheet HTML 11Page - Linear Technology LTC3521 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC3521

3521f
block DiaGraM
+
–
+
–
PGOOD1
PVOUT
3
16
FB1
SHDN1
FILTER
REVERSE ILIMIT
FORWARD
ILIMIT
21
0.55V
2.1A
0.375A
+
–
+
–
0A
IZERO
BUCK-BOOST
PWM
LOGIC
GATE
DRIVES
GATE
DRIVES
BUCK
PWM
LOGIC
BANDGAP
REFERENCE
AND OT
SHUTDOWN
OSCILLATOR
UVLO
0.6V
SOFT-START
RAMP
SOFT-START
RAMP
9
SHDN2
8
SHDN3
7
10
D
PVOUT
14
SW1B
15
SW1A
11
PVIN1
22
PVIN2
C
B
A
PGND1B
PGND1A
PGND2
ZERO CROSSING
4
VIN
6
PWM
INTERNAL
VCC
19
SW2
FB2
+
–
0A
+
–
+
–
1.05A
ILIMIT
0.55V
3521 BD
0.60V
gm
PGND1A
5
GND
12
PGND1B
18
PGND2
SLOPE
COMPENSATION
24
PGOOD2
+
1V
0.6V
0.9V
0.55V
2
PVIN2
GATE
DRIVES
BUCK
PWM
LOGIC
SOFT-START
RAMP
PGND2
ZERO CROSSING
17
SW3
FB3
+
–
0A
+
–
+
–
1.05A
ILIMIT
0.55V
0.60V
gm
SLOPE
COMPENSATION
23
PGOOD3
+
1
PVIN2
(UF Package)
NC (Pin 19, UF Package Only): No Internal Connection.
PVIN2(Pin20/Pin22):HighCurrentPowerSupplyConnec-
tion Used to Supply the Buck Converter Power Switches.
This pin should be bypassed by a 10µF or larger ceramic
cap. The bypass capacitor should be placed as close to
the pin as possible and should have a short return path
to ground. Pins VIN, PVIN1, and PVIN2 must be connected
together in the application circuit.
Exposed Pad (Pin 21/Pin 25): The Exposed Pad must
be electrically connected to ground. Pins GND, PGND1A,
PGND1B,PGND2andtheExposedPadmustbeconnected
together in the application circuit.
PGND1A(Pin21,UFPackageOnly):HighCurrentGround
Connection for the Buck-Boost Switch B. The PCB trace
connecting this pin to ground should be made as short
and wide as possible.
pin FuncTions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com