Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3521 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3521
Description  Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3521 Datasheet HTML 12Page - Linear Technology LTC3521 Datasheet HTML 13Page - Linear Technology LTC3521 Datasheet HTML 14Page - Linear Technology LTC3521 Datasheet HTML 15Page - Linear Technology LTC3521 Datasheet HTML 16Page - Linear Technology LTC3521 Datasheet HTML 17Page - Linear Technology LTC3521 Datasheet HTML 18Page - Linear Technology LTC3521 Datasheet HTML 19Page - Linear Technology LTC3521 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC3521

3521f
Typical applicaTion
Dual Supercapacitor to 3.3V at 200mA, 1.8V at 50mA and 1.2V at
100mA Backup Power Supply
Converter Output Voltages
Efficiency vs VIN
+
PVIN1
PVIN2
SW2
SW3
FB2
FB3
VOUT1
LTC3521
SHDN2
SHDN1
R1
1.0M
R3
137k
R4
68.1k
C1
22µF
C2
10µF
C4
4.7µF
1F
+
1F
L1
4.7µH
L2
4.7µH
VOUT1
3.3V
200mA
VOUT2
1.8V
50mA
R5
100k
R6
100k
C3
10µF
L3
4.7µH
VOUT3
1.2V
100mA
VIN
1.8V TO 5.5V
R2
221k
3521 TA02a
SHDN3
PWM
SW1A
SW1B
FB1
PGOOD2
PGOOD1
PGOOD3
PGND2
GND
PGND1
ON
OFF
PWM
BURST
VIN (V)
1.8
76
84
92
2.8
3.8
4.8
100
72
80
88
96
3521 TA02c
VOUT1 = 3.3V
IOUT = 200mA
VOUT2 = 1.8V
IOUT = 50mA
VOUT3 = 1.2V
IOUT = 100mA
50µs/DIV
VIN
2V/DIV
VOUT2
2V/DIV
VOUT3
2V/DIV
VOUT1
2V/DIV
3521 TA02b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com