Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3521 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3521
Description  Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3521 Datasheet HTML 7Page - Linear Technology LTC3521 Datasheet HTML 8Page - Linear Technology LTC3521 Datasheet HTML 9Page - Linear Technology LTC3521 Datasheet HTML 10Page - Linear Technology LTC3521 Datasheet HTML 11Page - Linear Technology LTC3521 Datasheet HTML 12Page - Linear Technology LTC3521 Datasheet HTML 13Page - Linear Technology LTC3521 Datasheet HTML 14Page - Linear Technology LTC3521 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC3521

3521f
modes. These advantages result in increased efficiency
and stability in comparison to the traditional 4-switch
buck-boost converter.
Error Amplifier and Compensation
The buck-boost converter utilizes a voltage mode error
amplifierwithaninternalcompensationnetworkasshown
in Figure 2.
this case, the increased bandwidth created by decreasing
R2 is used to counteract the reduced converter bandwidth
caused by the large output capacitor.
Current Limit Operation
The buck-boost converter has two current limit circuits.
The primary current limit is an average current limit circuit
which injects an amount of current into the feedback node
which is proportional to the extent that the switch A cur-
rent exceeds the current limit value. Due to the high gain
of this loop, the injected current forces the error amplifier
outputtodecreaseuntiltheaveragecurrentthroughswitch
A decreases approximately to the current limit value. The
average current limit utilizes the error amplifier in an ac-
tive state and thereby provides a smooth recovery with
little overshoot once the current limit fault condition is
removed. Since the current limit is based on the average
current through switch A, the peak inductor current in
current limit will have a dependency on the duty cycle
(i.e., on the input and output voltages in the overcurrent
condition).
The speed of the average current limit circuit is limited by
the dynamics of the error amplifier. On a hard output short,
it would be possible for the inductor current to increase
substantially beyond current limit before the average cur-
rent limit circuit would react. For this reason, there is a
second current limit circuit which turns off switch A if the
current ever exceeds approximately 165% of the average
current limit value. This provides additional protection in
the case of an instantaneous hard output short.
Reverse Current Limit
The reverse current comparator on switch D monitors
the inductor current entering PVOUT. When this current
exceeds 375mA (typical), switch D will be turned off for
the remainder of the switching cycle.
operaTion
0.6V
GND
PVOUT
LTC3521
VOUT
FB1
R2
R1
3521 F02
+
–
Figure 2. Buck-Boost Error Amplifier and Compensation
Notice that resistor R2 of the external resistor divider
networkplaysanintegralroleindeterminingthefrequency
response of the compensation network. The ratio of R2 to
R1 must be set to program the desired output voltage but
this still allows the value of R2 to be adjusted to optimize
thetransientresponseoftheconverter.Increasingthevalue
of R2 generally leads to greater stability at the expense of
reduced transient response speed. Increasing the value of
R2canyieldsubstantialtransientresponseimprovementin
caseswherethephasemarginhasbeenreducedduetothe
use of a small value output capacitor or a large inductance
(particularly with large boost step-up ratios). Conversely,
decreasing the value of R2 increases the loop bandwidth
which can improve the speed of the converter’s transient
response. This can be useful in improving the transient
response if a large valued output capacitor is utilized. In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com