Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3521 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3521
Description  Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3521 Datasheet HTML 12Page - Linear Technology LTC3521 Datasheet HTML 13Page - Linear Technology LTC3521 Datasheet HTML 14Page - Linear Technology LTC3521 Datasheet HTML 15Page - Linear Technology LTC3521 Datasheet HTML 16Page - Linear Technology LTC3521 Datasheet HTML 17Page - Linear Technology LTC3521 Datasheet HTML 18Page - Linear Technology LTC3521 Datasheet HTML 19Page - Linear Technology LTC3521 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3521
0
3521f
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2010
LT 0310 • PRINTED IN USA
relaTeD parTs
PART NUMBER
DESCRIPTION
COMMENTS
LTC3100
700mA ISW, 1.5MHz, Synchronous Step-Up, 250mA
Synchronous Step-Down DC/DC Converter and 100mA LDO
94% Efficiency, VIN: 0.7V to 5V, VOUT(MAX) = 5.25V, IQ = 15µA,
ISD < 1µA, 3mm × 3mm QFN-16 Package
LTC3101
Wide VIN, Multioutput DC/DC Converter and PowerPath™
Controller, 800mA Buck-Boost, Dual 350mA Buck
Converters, 50mA Always-On LDO
95% Efficiency, VIN: 1.8V to 5.5V, IQ = 38µA, Standby IQ = 15µA,
4mm
× 4mm QFN-24 Package
LTC3409
600mA IOUT, 1.7MHz/2.6MHz, Synchronous Step-Down
DC/DC Converter
96% Efficiency, VIN: 1.6V to 5.5V, VOUT(MIN) = 0.6V, IQ = 65µA,
ISD < 1µA, DFN Package
LTC3441/LTC3442/
LTC3443
1.2A IOUT, 2MHz, Synchronous Buck-Boost DC/DC
Converter
95% Efficiency, VIN: 2.4V to 5.5V, VOUT(MIN): 2.4V to 5.25V,
IQ = 50µA, ISD < 1µA, DFN Package
LTC3520
1A 2MHz, Synchronous Buck-Boost and 600mA Buck
Converter
95% Efficiency, VIN: 2.2V to 5.5V, VOUT(MAX) = 5.25V, IQ = 55µA,
ISD < 1µA, 4mm × 4mm QFN-24 Package
LTC3522
400mA 2MHz, Synchronous Buck-Boost and 200mA Buck
Converter
95% Efficiency, VIN: 2.4V to 5.5V, VOUT(MAX) = 5.25V, IQ = 25µA,
ISD < 1µA, 3mm × 3mm QFN-16 Package
LTC3531/LTC3531-3/
LTC3531-3.3
200mA IOUT, 1.5MHz, Synchronous Buck-Boost DC/DC
Converter
95% Efficiency, VIN: 1.8V to 5.5V, VOUT(MIN): 2V to 5V, IQ = 16µA,
ISD < 1µA, ThinSOT and DFN Packages
LTC3532
500mA IOUT, 2MHz, Synchronous Buck-Boost DC/DC
Converter
95% Efficiency, VIN: 2.4V to 5.5V, VOUT(MIN): 2.4V to 5.25V,
IQ = 35µA, ISD < 1µA, MS10 and DFN Packages
LTC3547
Dual 300mA IOUT, 2.25MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 40µA,
ISD < 1µA, DFN-8 Package
Typical applicaTion
Li-Ion to 3.3V at 800mA, 1.8V at 600mA and 1.2V at
600mA with Sequenced Start-Up
Sequenced Start-Up Waveforms
PVIN1
PVIN2
SW2
VOUT1
FB2
FB1
SW3
LTC3521
SHDN1
R5
100k
R3
137k
R4
68.1k
C3
10µF
C2
10µF
4.7µF
Li-Ion
L1
4.7µH
L3
4.7µH
L2
4.7µH
VOUT2
1.8V
600mA
R1
1.0M
R2
221k
C1
22µF
VOUT1
3.3V
800mA
(1A, VIN > 3.0V)
VIN
2.4V TO
4.2V
R6
100k
499k
R5
499k
3521 TA03a
PGOOD1
PGOOD3
PWM
SW1A
SW1B
FB3
PGOOD2
SHDN2
SHDN3
PGOOD1
PGND2
GND
PGND1
PWM
BURST
ON
OFF
VOUT3
1.2V
600mA
+
500µs/DIV
VOUT2
2V/DIV
VOUT3
2V/DIV
VOUT1
2V/DIV
SHDN2, 5V/DIV
PGOOD2, 5V/DIV
PGOOD3, 5V/DIV
3521 TA03b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com