Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3521 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3521
Description  Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3521 Datasheet HTML 5Page - Linear Technology LTC3521 Datasheet HTML 6Page - Linear Technology LTC3521 Datasheet HTML 7Page - Linear Technology LTC3521 Datasheet HTML 8Page - Linear Technology LTC3521 Datasheet HTML 9Page - Linear Technology LTC3521 Datasheet HTML 10Page - Linear Technology LTC3521 Datasheet HTML 11Page - Linear Technology LTC3521 Datasheet HTML 12Page - Linear Technology LTC3521 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3521

3521f
operaTion
The LTC3521 combines dual synchronous buck DC/DC
converters and a 4-switch buck-boost DC/DC converter
in a 4mm
× 4mm QFN package and a 20-pin thermally
enhanced TSSOP package. The buck-boost converter
utilizes a proprietary switching algorithm which allows its
output voltage to be regulated above, below or equal to
the input voltage. The buck converters provide a high ef-
ficiencylowervoltageoutputandsupport100%dutycycle
operation to extend battery life. In Burst Mode operation,
the total quiescent current for the LTC3521 is reduced to
30μA. All three converters are synchronized to the same
internal 1.1MHz oscillator.
BUCK CONVERTER OPERATION
PWM Mode Operation
When the PWM pin is held high, the LTC3521 buck con-
verters use a constant-frequency, current mode control
architecture. Both the main (P-channel MOSFET) and
synchronous rectifier (N-channel MOSFET) switches are
internal. At the start of each oscillator cycle, the P-chan-
nel switch is turned on and remains on until the current
waveform with superimposed slope compensation ramp
exceeds the error amplifier output. At this point, the syn-
chronous rectifier is turned on and remains on until the
inductor current falls to zero or a new switching cycle is
initiated. As a result, the buck converters operate with
discontinuous inductor current at light loads, which im-
proves efficiency. At extremely light loads, the minimum
on-time of the main switch will be reached and the buck
converters will begin turning off for multiple cycles in
order to maintain regulation.
Burst Mode Operation
When the PWM pin is forced low, the buck converters will
automatically transition between Burst Mode operation
at sufficiently light loads (below approximately 15mA)
and PWM mode at heavier loads. Burst Mode entry is
determined by the peak inductor current. Therefore, the
load current at which Burst Mode operation will be entered
depends on the input voltage, the output voltage and the
inductorvalue.TypicalcurvesforBurstModeentrythresh-
oldareprovidedintheTypicalPerformanceCharacteristics
section of this data sheet. In dropout and near dropout
conditions, Burst Mode operation is disabled.
Dropout Operation
As the input voltage decreases to a value approaching the
output regulation voltage, the duty cycle increases toward
the maximum on-time. Further reduction of the supply
voltage will force the main switch to remain on for more
than one cycle until 100% duty cycle operation is reached
where the main switch remains on continuously. In this
dropout state, the output will be determined by the input
voltage less the resistive voltage drop across the main
switch and series resistance of the inductor.
Slope Compensation
Current mode control requires the use of slope compensa-
tion to prevent subharmonic oscillations in the inductor
current at high duty cycle operation. This is accomplished
internally on the LTC3521 through the addition of a com-
pensatingramptothecurrentsensesignal.Insomecurrent
mode ICs, current limiting is performed by clamping the
error amplifier voltage to a fixed maximum. This leads to a
reduced output current capability at low step-down ratios.
In contrast, the LTC3521 performs current limiting prior
to addition of the slope compensation ramp and therefore
achieves a peak inductor current limit that is independent
of duty cycle.
Short-Circuit Protection
When the output is shorted to ground, the error amplifier
will saturate high and the P-channel MOSFET switch will
turn on at the start of each cycle and remain on until the
current limit trips. During this minimum on-time, the in-
ductor current will increase rapidly and will decrease very
slowly during the remainder of the period due to the very
small reverse voltage produced by a hard output short.
To eliminate the possibility of inductor current runaway in
this situation, the buck converter switching frequency is
reducedto250kHzwhenthevoltageonthebuckFBpinfalls
below 0.25V. The buck soft-start circuit is reset when the
buck FB pin falls below 0.25V to provide a smooth restart
once the short-circuit condition at the output voltage is
no longer present. Additionally, the PMOS current limit is
decreased from 1050mA to 700mA when the voltage on
the buck FB pin falls below 0.25V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com