Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3521 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3521
Description  Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 3 Page - Linear Technology

  LTC3521 Datasheet HTML 1Page - Linear Technology LTC3521 Datasheet HTML 2Page - Linear Technology LTC3521 Datasheet HTML 3Page - Linear Technology LTC3521 Datasheet HTML 4Page - Linear Technology LTC3521 Datasheet HTML 5Page - Linear Technology LTC3521 Datasheet HTML 6Page - Linear Technology LTC3521 Datasheet HTML 7Page - Linear Technology LTC3521 Datasheet HTML 8Page - Linear Technology LTC3521 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3521

3521f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3521 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Current measurements are performed when the LTC3521 is not
switching. The current limit values in operation will be somewhat higher
due to the propagation delay of the comparators.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator Frequency
l
0.85
1.1
1.35
MHz
SHDN1, SHDN2, SHDN3, PWM Input High Voltage
l
1.4
V
SHDN1, SHDN2, SHDN3, PWM Input Low Voltage
l
0.4
V
Power Good Outputs Low Voltage
IPGOOD1 = IPGOOD2 = IPGOOD3 = 1mA
0.1
0.2
V
Power Good Outputs Leakage Current
VPGOOD1 = VPGOOD2 = VPGOOD3 = 5.5V
0.1
10
µA
Buck Converters
PMOS Switch Resistance
0.205
Ω
NMOS Switch Resistance
0.170
Ω
NMOS Switch Leakage Current
VSW2 = VSW3 = 5.5V, VIN = 5.5V
0.1
5
µA
PMOS Switch Leakage Current
VSW2 = VSW3 = 0V, VIN = 5.5V
0.1
10
µA
Feedback Voltage
(Note 4)
l
0.585
0.6
0.612
V
Feedback Input Current
VFB2 = VFB3 = 0.6V
1
50
nA
PMOS Current Limit
(Note 3)
l
750
1050
mA
Maximum Duty Cycle
VFB2 = VFB3 = 0.55V
l
100
%
Minimum Duty Cycle
VFB2 = VFB3 = 0.66V
l
0
%
PGOOD Threshold
VFB2,3 Falling
–12
–9
–6
%
Power Good Hysteresis
VFB2,3 Returning Good
2
%
Buck-Boost Converter
Output Voltage
l
1.8
5.25
V
PMOS Switch Resistance
0.110
Ω
NMOS Switch Resistance
0.085
Ω
NMOS Switch Leakage Current
VSW1A = VSW1B = 5.5V, VIN = 5.5V
0.1
5
µA
PMOS Switch Leakage Current
VSW1A = VSW1B = 0V, VIN = 5.5V
0.1
10
µA
Feedback Voltage
(Note 4)
l
0.585
0.6
0.612
V
Feedback Input Current
VFB1 = 0.6V
1
50
nA
Average Current Limit
(Note 3)
l
1.65
2.1
A
Reverse Current Limit
(Note 3)
375
mA
Maximum Duty Cycle
VFB1 = 0.55V
l
85
94
%
Minimum Duty Cycle
VFB1 = 0.66V
l
0
%
PGOOD Threshold
VFB1 Falling
–12
–9
–6
%
Power Good Hysteresis
VFB1 Returning Good
3
%
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TJ = 25°C. VIN = 3.6V, VOUT1 = 3.3V, unless otherwise noted.
Note 4: The LTC3521 is tested in a proprietary test mode that connects
each FB pin to the output of the respective error amplifier.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com