Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3521 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3521
Description  Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3521 Datasheet HTML 2Page - Linear Technology LTC3521 Datasheet HTML 3Page - Linear Technology LTC3521 Datasheet HTML 4Page - Linear Technology LTC3521 Datasheet HTML 5Page - Linear Technology LTC3521 Datasheet HTML 6Page - Linear Technology LTC3521 Datasheet HTML 7Page - Linear Technology LTC3521 Datasheet HTML 8Page - Linear Technology LTC3521 Datasheet HTML 9Page - Linear Technology LTC3521 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3521

3521f
pin FuncTions
FB3 (Pin 1/Pin 23): Feedback Voltage for the Buck Con-
verter Derived from a Resistor Divider Connected to the
Buck VOUT3 Output Voltage. The buck output voltage is
given by the following equation, where R1 is a resistor
between FB3 and ground, and R2 is a resistor between
FB3 and the buck output voltage:
V
V
R
R
OUT3
0 6 1
2
1
=
+


.
FB2 (Pin 2/Pin 24): Feedback Voltage for the Buck Con-
verter Derived from a Resistor Divider Connected to the
Buck VOUT2 Output Voltage. The buck output voltage is
given by the following equation, where R1 is a resistor
between FB2 and ground, and R2 is a resistor between
FB2 and the buck output voltage:
V
V
R
R
OUT2
0 6 1
2
1
=
+


.
SHDN2 (Pin 3/Pin 1): Forcing this pin above 1.4V enables
the buck converter output at SW2. Forcing this pin below
0.4V disables the buck converter. This pin cannot be left
floating.
PGOOD3 (Pin 4/Pin 2): This pin is an open-drain output
which pulls low under any of the following conditions:
VOUT3 buck output voltage is out of regulation, the part is
(FE/UF Packages)
Typical perForMance characTerisTics
Buck-Boost Current Limit
vs Temperature
Buck Current Limit
vs Temperature
TA = 25°C, unless otherwise noted.
Buck-Boost Peak Current Limit
vs Temperature
TEMPERATURE (°C)
2100
2050
2000
1950
2150
3521 G19
–50 –25
25
0
50
75
100 125
TEMPERATURE (°C)
3300
3250
3200
3350
3521 G20
–50 –25
25
0
50
75
100 125
TEMPERATURE (°C)
1100
1050
1000
950
900
1150
3521 G21
–50 –25
25
0
50
75
100 125
50µs/DIV
VOUT
20mV/DIV
INDUCTOR
CURRENT
200mA/DIV
3521 G16
VIN = 3.6V
VOUT = 3.3V
L = 4.7µH
COUT = 22µF
Buck-Boost Burst to
PWM Transition
Buck Load Step, PWM Mode,
10mA to 400mA
Buck Load Step, Burst Mode
Operation, 10mA to 400mA
100µs/DIV
VOUT
100mV/DIV
INDUCTOR
CURRENT
200mA/DIV
3521 G17
VIN = 3.6V
VOUT = 1.8V
L = 4.7µH
COUT = 10µF
100µs/DIV
VOUT
100mV/DIV
INDUCTOR
CURRENT
200mA/DIV
3521 G18
VIN = 3.6V
VOUT = 1.8V
L = 4.7µH
COUT = 10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com