Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3521 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3521
Description  Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 2 Page - Linear Technology

  LTC3521 Datasheet HTML 1Page - Linear Technology LTC3521 Datasheet HTML 2Page - Linear Technology LTC3521 Datasheet HTML 3Page - Linear Technology LTC3521 Datasheet HTML 4Page - Linear Technology LTC3521 Datasheet HTML 5Page - Linear Technology LTC3521 Datasheet HTML 6Page - Linear Technology LTC3521 Datasheet HTML 7Page - Linear Technology LTC3521 Datasheet HTML 8Page - Linear Technology LTC3521 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3521

3521f
pin conFiGuraTion
elecTrical characTerisTics
absoluTe MaxiMuM raTinGs
PVIN1, PVIN2 Voltage .................................... –0.3V to 6V
SW1A, SW1B, SW2, SW3 Voltage
DC............................................................ –0.3V to 6V
Pulsed < 100ns........................................... –1V to 7V
Voltage, All Other Pins ................................. –0.3V to 6V
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
l
1.8
5.5
V
Quiescent Current—Shutdown
VSHDN1 = VSHDN2 = VSHDN3 = 0V
l
0.01
2
µA
Burst Mode Quiescent Current
VFB1 = 0.66V, VFB2 = 0.66V, VFB3 = 0.66V, VPWM = 0V
30
µA
The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TJ = 25°C. VIN = 3.6V, VOUT1 = 3.3V, unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3521EUF#PBF
LTC3521EUF#TRPBF
3521
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C
LTC3521EFE#PBF
LTC3521EFE#TRPBF
LTC3521FE
20-Lead Plastic TSSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
orDer inForMaTion
Operating Junction Temperature Range
(Note 2).................................................... –40°C to 85°C
Maximum Junction Temperature (Note 5)............. 125°C
Storage Temperature Range................... –65°C to 150°C
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
FB3
FB2
SHDN2
PGOOD3
PGOOD2
PGOOD1
VIN
GND
PWM
FB1
PVIN2
SW2
PGND2
SW3
VOUT1
SW1A
SW1B
PVIN1
SHDN1
SHDN3
21
GND
TJMAX = 150°C, θJA = 40°C/W (NOTE 4)
UNDERSIDE METAL INTERNALLY CONNECTED TO V(PCB CONNECTION OPTIONAL)
EXPOSED PAD (PIN 21) IS GND AND MUST BE SOLDERED TO PCB GROUND
24 23 22 21 20 19
7
8
9
TOP VIEW
25
GND
UF PACKAGE
24-LEAD (4mm 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
SHDN2
PGOOD3
PGOOD2
PGOOD1
VIN
GND
PGND2
SW3
VOUT1
SW1A
SW1B
NC
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 25) IS GND AND MUST BE SOLDERED TO PCB GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com