Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3521 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3521
Description  Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3521 Datasheet HTML 9Page - Linear Technology LTC3521 Datasheet HTML 10Page - Linear Technology LTC3521 Datasheet HTML 11Page - Linear Technology LTC3521 Datasheet HTML 12Page - Linear Technology LTC3521 Datasheet HTML 13Page - Linear Technology LTC3521 Datasheet HTML 14Page - Linear Technology LTC3521 Datasheet HTML 15Page - Linear Technology LTC3521 Datasheet HTML 16Page - Linear Technology LTC3521 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3521

3521f
applicaTions inForMaTion
The basic LTC3521 application circuit is shown as the
Typical Application on the front page of this data sheet.
The external component selection is determined by the
desired output voltages, output currents and ripple volt-
age requirements of each particular application. Basic
guidelines and considerations for the design process are
provided in this section.
Buck Inductor Selection
The choice of buck inductor value influences both the ef-
ficiency and the magnitude of the output voltage ripple.
Larger inductance values will reduce inductor current
ripple and lead to lower output voltage ripple. For a fixed
DC resistance, a larger value inductor will yield higher
efficiency by lowering the peak current closer to the av-
erage. However, a larger inductor within the same family
will generally have a greater series resistance, thereby
offsetting this efficiency advantage.
Givenadesiredpeak-to-peakcurrentripple,
ΔIL,therequired
inductance can be calculated via the following expression,
where f represents the switching frequency in MHz:
L
f I
V
V
V
µH
L
OUT
OUT
IN
=

 ( )
1
1
Δ
A reasonable choice for ripple current is
ΔIL = 240mA
which represents 40% of the maximum 600mA load
current. The DC current rating of the inductor should be
at least equal to the maximum load current, plus half the
ripple current, in order to prevent core saturation and loss
of efficiency during operation. To optimize efficiency, the
inductor should have a low series resistance.
In particularly space-restricted applications, it may be
advantageous to use a much smaller value inductor at
the expense of larger ripple current. In such cases, the
converter will operate in discontinuous conduction for a
wider range of output loads and efficiency will be reduced.
In addition, there is a minimum inductor value required
to maintain stability of the current loop (given the fixed
internal slope compensation). Specifically, if the buck
converter is going to be utilized at duty cycles over 40%,
the inductance value must be at least LMIN, as given by
the following equation:
LMIN = 2.5 • VOUT (µH)
Table 1 depicts the recommended inductance for several
common output voltages.
Table 1. Buck Recommended Inductance
OUTPUT VOLTAGE
MINIMUM
INDUCTANCE
MAXIMUM
INDUCTANCE
0.6V
1.5μH
2.2μH
1.2V
2.2μH
4.7μH
1.8V
3.3μH
6.8μH
2.5V
4.7μH
8.2μH
Buck Output Capacitor Selection
A low ESR output capacitor should be utilized at the buck
output in order to minimize voltage ripple. Multilayer ce-
ramic capacitors are an excellent choice as they have low
ESR and are available in small footprints. In addition to
controlling the ripple magnitude, the value of the output
capacitor also sets the loop crossover frequency and can,
therefore, impact loop stability. There is both a minimum
andmaximumcapacitancevaluerequiredtoensurestabil-
ity of the loop. If the output capacitance is too small, the
loop crossover frequency will increase to the point where
the switching delay and the high frequency parasitic poles
of the error amplifier will degrade the phase margin. In
addition, the wider bandwidth produced by a small output
capacitor will make the loop more susceptible to switch-
ing noise. At the other extreme, if the output capacitor
is too large, the crossover frequency can decrease too
far below the compensation zero and lead to a degraded
phase margin. Table 2 provides a guideline for the range
of allowable values of low ESR output capacitors. Larger
value output capacitors can be accommodated provided
they have sufficient ESR to stabilize the loop.
Table 2. Buck Output Capacitor Range
VOUT
CMIN
CMAX
0.6V
15μF
300μF
0.8V
15μF
230μF
1.2V
10μF
150μF
1.8V
10μF
90μF
2.7V
10μF
70μF
3.3V
6.8μF
50μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com