Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3521 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3521
Description  Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 1 Page - Linear Technology

  LTC3521 Datasheet HTML 1Page - Linear Technology LTC3521 Datasheet HTML 2Page - Linear Technology LTC3521 Datasheet HTML 3Page - Linear Technology LTC3521 Datasheet HTML 4Page - Linear Technology LTC3521 Datasheet HTML 5Page - Linear Technology LTC3521 Datasheet HTML 6Page - Linear Technology LTC3521 Datasheet HTML 7Page - Linear Technology LTC3521 Datasheet HTML 8Page - Linear Technology LTC3521 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3521

3521f
Typical applicaTion
FeaTures
applicaTions
DescripTion
Wide VIN, 1A Buck-Boost
DC/DC and Dual 600mA
Buck DC/DC Converters
TheLTC®3521combinesa1Abuck-boostDC/DCconverter
anddual600mAsynchronousbuckDC/DCconverters.The
1.1MHz switching frequency minimizes the solution foot-
printwhilemaintaininghighefficiency.Allthreeconverters
feature soft-start and internal compensation to minimize
the solution footprint and simplify the design process.
The buck converters are current mode controlled and
utilize an internal synchronous rectifier to improve ef-
ficiency. The buck converters support 100% duty cycle
operation to extend battery life. If the PWM pin is held
low, the buck converters automatically transition from
Burst Mode operation to PWM mode at high loads. With
the PWM pin held high, the buck converters remain in low
noise, 1.1MHz PWM mode.
Thebuck-boostconverterfeaturescontinuousconduction
operation to maximize efficiency and minimize noise. At
light loads, the buck-boost converter can be operated in
Burst Mode operation to improve efficiency and reduce
no-load standby current.
The LTC3521 provides a <2μA shutdown mode, over-
temperature shutdown and current limit protection
on all converters. The LTC3521 is available in a 24-pin
0.75mm
× 4mm × 4mm QFN package, and a 20-pin
thermally enhanced TSSOP package.
n
Three High Efficiency DC/DC Converters:
Buck-Boost (VOUT: 1.8V to 5.25V, IOUT: 1A)
Dual Buck (VOUT: 0.6V to VIN, IOUT: 600mA)
n
1.8V to 5.5V Input Voltage Range
n
Pin-Selectable Burst Mode® Operation
n
30µA Total Quiescent Current in Burst Mode
Operation
n
Independent Power Good Indicator Outputs
n
Integrated Soft-Start
n
Thermal and Overcurrent Protection
n
<2µA Current in Shutdown
n
Small 4mm
× 4mm QFN and Thermally Enhanced
TSSOP Packages
n
Bar Code Readers
n
Medical Instruments
n
Handy Terminals
n
PDAs, Handheld PCs
n
GPS Receivers
+
PVIN1
PVIN2
SW2
SW3
FB2
FB3
VOUT1
LTC3521
SHDN2
SHDN1
1.0M
137k
68.1k
22µF
10µF
4.7µF
Li-Ion
4.7µH
4.7µH
VOUT1
3.3V
800mA
(1A, VIN > 3.0V)
VOUT2
1.8V
600mA
100k
100k
10µF
4.7µH
VOUT3
1.2V
600mA
VIN
2.4V TO 4.2V
221k
3521 TA01a
SHDN3
PWM
SW1A
SW1B
FB1
PGOOD2
PGOOD1
PGOOD3
PGND2
GND
PGND1
ON
OFF
PWM
BURST
VIN (V)
2.4
92
94
96
98
5.4
3521 TA01b
88
90
86
84
82
80
76
78
74
72
70
3.4
4.4
100
VOUT1 = 3.3V
IOUT = 500mA
VOUT2 = 1.8V
IOUT = 200mA
VOUT3 = 1.2V
IOUT = 200mA
Efficiency vs VIN
L
, LT, LTC, LTM, Linear Technology, Burst Mode and the Linear logo are registered trademarks
and PowerPath is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U. S. Patents, including 6404251, 6166527.


Similar Part No. - LTC3521

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3521 LINER-LTC3521_15 Datasheet
379Kb / 22P
1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
More results

Similar Description - LTC3521

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
300mA Buck-Boost Synchronous DC/DC Converters
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3531 LINER-LTC3531_15 Datasheet
716Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3_15 Datasheet
716Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
LTC3521 LINER-LTC3521_15 Datasheet
379Kb / 22P
1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
1A Low Noise, Buck-Boost DC/DC Converter
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
Boost, Buck and Buck-Boost DC/DC LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com