Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3521 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC3521
Description  Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC3521 Datasheet HTML 11Page - Linear Technology LTC3521 Datasheet HTML 12Page - Linear Technology LTC3521 Datasheet HTML 13Page - Linear Technology LTC3521 Datasheet HTML 14Page - Linear Technology LTC3521 Datasheet HTML 15Page - Linear Technology LTC3521 Datasheet HTML 16Page - Linear Technology LTC3521 Datasheet HTML 17Page - Linear Technology LTC3521 Datasheet HTML 18Page - Linear Technology LTC3521 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC3521

3521f
from the following formulas, where f is the frequency in
MHz and L is the inductance in μH:
Δ
Δ
I
fL
V
V
V
V
I
L P
OUT IN
OUT
IN
L P
,
,
•
–
-P,BUCK
-P,B
=
(
)
1
OOOST =
(
)
1
fL
V V
V
V
IN OUT
IN
OUT
•
–
In addition to affecting output current ripple, the size of
the inductor can also affect the stability of the feedback
loop. In boost mode, the converter transfer function has
a right half plane zero at a frequency that is inversely
proportional to the value of the inductor. As a result, a
large inductor can move this zero to a frequency that is
low enough to degrade the phase margin of the feedback
loop. It is recommended that the chosen inductor value be
less than 10μH if the buck-boost converter is to be used
in the boost region.
Buck-Boost Output Capacitor Selection
A low ESR output capacitor should be utilized at the buck-
boost converter output in order to minimize output volt-
age ripple. Multilayer ceramic capacitors are an excellent
choice as they have low ESR and are available in small
footprints. The capacitor should be chosen large enough
to reduce the output voltage ripple to acceptable levels.
Neglecting the capacitor ESR and ESL, the peak-to-peak
output voltage ripple can be calculated by the following
formulas, where f is the frequency in MHz, COUT is the
capacitance in μF, L is the inductance in μH and ILOAD is
the output current in amps:
Δ
Δ
V
I
V
V
C
V
f
V
LOAD OUT
IN
OUT
OUT
P-P,BOOST
P-P
=
(
)
–
•
•
,,BUCK =
(
)
1
8
2
• •
•
•
–
L C
f
V
V
V
V
OUT
IN
OUT OUT
IN
Since the output current is discontinuous in boost mode,
the ripple in this mode will generally be much larger than
the magnitude of the ripple in buck mode. In addition to
controlling the ripple magnitude, the value of the output
capacitoralsoaffectsthelocationoftheresonantfrequency
in the open loop converter transfer function. If the output
capacitor is too small, the bandwidth of the converter
will extend high enough to degrade the phase margin.
To prevent this from happening, it is recommended that
a minimum value of 10μF be used for the buck-boost
output capacitor.
Buck-Boost Input Capacitor Selection
Thesupplycurrenttothebuck-boostconverterisprovided
bythePVIN1pin.ItisrecommendedthatalowESRceramic
capacitor with a value of at least 4.7μF be located as close
to this pin as possible.
Inductor Style and Core Material
Different inductor core materials and styles have an
impact on the size and price of an inductor at any given
peak current rating. Toroid or shielded pot cores in ferrite
or permalloy materials are small and reduce emissions,
but generally cost more than powdered iron core induc-
tors with similar electrical characteristics. The choice of
inductor style depends upon the price, sizing, and EMI
requirements of a particular application. Table 4 provides a
samplingofinductorsthatarewellsuitedtomanyLTC3521
application circuits.
Table 4. Representative Surface Mount Inductors
MANU-
FACTURER
PART NUMBER
VALUE
MAX
CURRENT DCR HEIGHT
Taiyo Yuden NP03SB4R7M
4.7μH
1.2A
0.047
Ω 1.8mm
NP03SB6R8M
6.8μH
1A
0.084
Ω 1.8mm
Coilcraft
MSS7341-502NL
5μH
2.3A
0.024
Ω 4.1mm
DT1608C-472ML
4.7µH
1.2A
0.085
Ω 2.92mm
Cooper-
Bussmann
SD7030-5R0-R
5µH
2.4A
0.026
Ω 3mm
SD20-6R2-R
6.2µH
1.12A
0.072
Ω 2mm
Sumida
CDR6D23MNNP-4R2 4.2µH
2.6A
0.052
Ω 2.5mm
CDRH4D16FB/ND-
6R8N
6.8µH
1A
0.081
Ω 1.8mm
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com