Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3521 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3521
Description  Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3521 Datasheet HTML 12Page - Linear Technology LTC3521 Datasheet HTML 13Page - Linear Technology LTC3521 Datasheet HTML 14Page - Linear Technology LTC3521 Datasheet HTML 15Page - Linear Technology LTC3521 Datasheet HTML 16Page - Linear Technology LTC3521 Datasheet HTML 17Page - Linear Technology LTC3521 Datasheet HTML 18Page - Linear Technology LTC3521 Datasheet HTML 19Page - Linear Technology LTC3521 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC3521

3521f
applicaTions inForMaTion
Figure 5. LTC3521 Recommended PCB Layout
PGND2
(18)
SW3
(17)
VOUT1
(16)
SW1A
(15)
SW1B
(14)
NC
(13)
SHDN2
(1)
PGOOD3
(2)
PGOOD2
(3)
PGOOD1
(4)
VIN
(5)
GND
(6)
BUCK
VOUT
BUCK
VOUT
VIA TO
GROUND PLANE
3521 F05
KELVIN TO
VOUT PAD
KELVIN TO
VOUT PAD
BUCK-BOOST
VOUT
KELVIN TO
VOUT PAD
MINIMIZE
TRACE
LENGTH
MINIMIZE
TRACE
LENGTH
MINIMIZE
TRACE
LENGTH
DIRECT TIE
BACK TO
GND PIN
UNINTERRUPTED GROUND PLANE MUST EXIST UNDER ALL COMPONENTS
SHOWN IN BOLD, AND UNDER TRACES CONNECTING TO THOSE COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com