Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3521 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3521
Description  Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3521 Datasheet HTML 10Page - Linear Technology LTC3521 Datasheet HTML 11Page - Linear Technology LTC3521 Datasheet HTML 12Page - Linear Technology LTC3521 Datasheet HTML 13Page - Linear Technology LTC3521 Datasheet HTML 14Page - Linear Technology LTC3521 Datasheet HTML 15Page - Linear Technology LTC3521 Datasheet HTML 16Page - Linear Technology LTC3521 Datasheet HTML 17Page - Linear Technology LTC3521 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3521

3521f
Buck Input Capacitor Selection
ThePVIN2pinprovidescurrenttothebuckconverterpower
switch and is the supply pin for the IC’s internal circuitry.
It is recommended that a low ESR ceramic capacitor with
a value of at least 4.7µF be used to bypass this pin. The
capacitor should be placed as close to the pin as possible
and have a short return to ground.
Buck Output Voltage Programming
The output voltage is set by a resistive divider, according
to the following formula:
V
V
R
R
OUT2 3
0 6 1
2
1
,
.
=
+


Theexternaldividerisconnectedtotheoutput,asshownin
Figure 3. It is recommended that a feedforward capacitor,
CFF, be placed in parallel with resistor R2 to improve the
noise immunity of the feedback node. Table 3 provides
the recommended resistor and feedforward capacitor
combinations for common output voltage options.
Table 3. Buck Resistor Divider Values
VOUT
R1
R2
CFF
0.6V
–
0
–
0.8V
200k
69.8k
22pF
1.0V
118k
80.6k
22pF
1.2V
100k
102k
22pF
1.5V
78.7k
121k
22pF
1.8V
68.1k
137k
22pF
2.7V
63.4k
226k
33pF
3.3V
60.4k
274k
33pF
Buck-Boost Output Voltage Programming
The buck-boost output voltage is set by a resistive divider
according to the following formula:
V
V
R
R
OUT1
0 6 1
2
1
=
+


.
The external divider is connected to the output, as shown
in Figure 4. The buck-boost converter utilizes voltage
mode control and the value of R2 plays an integral role
in the dynamics of the feedback loop. In general, a larger
value for R2 will increase stability and reduce the speed of
the transient response. A smaller value of R2 will reduce
stability but increase the transient response speed. A good
starting point is to choose R2 = 1MΩ, then calculate the
required value of R1 to set the desired output voltage ac-
cording to the above formula. If a large output capacitor
is used, the bandwidth of the converter is reduced. In
such cases R2 can be reduced to improve the transient
response. If a large inductor or small output capacitor is
utilized, the loop will be less stable and the phase margin
can be improved by increasing the value of R2.
Buck-Boost Inductor Selection
To achieve high efficiency, a low ESR inductor should be
utilized for the buck-boost converter. The inductor must
haveasaturationratinggreaterthantheworstcaseaverage
inductor current plus half the ripple current. The peak-to-
peakinductorcurrentripplewillbelargerinbuckandboost
mode than in the buck-boost region. The peak-to-peak
inductor current ripple for each mode can be calculated
applicaTions inForMaTion
LTC3521
GND
0.6V VOUT3 5.25V
0.6V VOUT2 5.25V
FB3
R1
3521 F03
R2
FB2
R1
R2
Figure 3. Setting the Buck Output Voltage
LTC3521
GND
1.8V VOUT1 5.25V
FB1
R1
3521 F04
R2
Figure 4. Setting the Buck-Boost Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com