Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 139 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 139 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 135Page - Motorola, Inc 68HC05CL48 Datasheet HTML 136Page - Motorola, Inc 68HC05CL48 Datasheet HTML 137Page - Motorola, Inc 68HC05CL48 Datasheet HTML 138Page - Motorola, Inc 68HC05CL48 Datasheet HTML 139Page - Motorola, Inc 68HC05CL48 Datasheet HTML 140Page - Motorola, Inc 68HC05CL48 Datasheet HTML 141Page - Motorola, Inc 68HC05CL48 Datasheet HTML 142Page - Motorola, Inc 68HC05CL48 Datasheet HTML 143Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
MOTOROLA
REV 2.0
B-3
Figure B-2. MC68HC05CL16 Memory Map
Ctimer/WTimer
$FFF0
$FFF1
IRQn/KBI
$FFF2
$FFF3
Caller_ID
$FFF4
$FFF5
SWI
$FFFC
$FFFD
SPI
$FFF6
$FFF7
Timer
$FFF8
$FFF9
IRQ
$FFFA
$FFFB
Reset
$FFFE
$FFFF
I/O Register
48 Bytes
$0000
$002F
RAM
144 Bytes
$00FF
Not Used
$0030
Stack
64 Bytes
RAM
$082F
ROM
16k Bytes
Self-check ROM
496 Bytes
$FFEF
Self-check Vectors
16 Bytes
$FE00
User Vectors
16 Bytes
$FFF0
$FFFF
$FFE0
$FFDF
$00C0
Port A Data Register
$00
Port B Data Register
$01
$02
Port A Direction Register
$03
Timer Pin Configuration Register
$04
$05
$06
$07
Core Timer Control/Status Register
$08
Core Timer Register
$09
$0A
$0B
$0C
$0D
Caller ID Data Register
$0E
$0F
$10
$11
Timer Status Register
$12
$13
Input Capture High Register 1
$14
Input Capture Low Register 1
$15
Output Compare High Register 1
$16
Output Compare Low Register 1
$17
Counter High Register
$18
Counter Low Register
$19
Alternate Counter High Register
$1A
Alternate Counter Low Register
$1B
External Interrupt Control Register
$1C
External Interrupt Status Register
$1D
$1E
Option Register
$1F
Not Used
$095C
1840 Bytes
LCD RAM
45 Bytes Block1
Input Capture Low Register 2
Timer Control Register
Output Compare Low Register 2
Output Compare High Register 2
Input Capture High Register 2
Caller ID Control/Status Register 2
Caller ID Control/Status Register 1
LCD Control Register
Caller ID Control/Status Register 3
PLL Status/Data Register
$FDFF
$20
$21
$22
$23
$24
$25
$26
$2F
$27
SPI Control Register
SPI Status Register
SPI Data Register
Port C Data Register
Port B Direction Register
Port C Direction Register
Watch Timer Control & Status Register
A/D Control and Status Register
A/D Data Register
Reserved for EPROM (EPCR)
Reserved
$0930
$0830
$0100
LCD RAM
45 Bytes Block2
$0A5D
$0A5C
$0A30
Not Used
$092F
$095D
$0A2F
$BE00
$BDFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com