Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 141 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 141 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 137Page - Motorola, Inc 68HC05CL48 Datasheet HTML 138Page - Motorola, Inc 68HC05CL48 Datasheet HTML 139Page - Motorola, Inc 68HC05CL48 Datasheet HTML 140Page - Motorola, Inc 68HC05CL48 Datasheet HTML 141Page - Motorola, Inc 68HC05CL48 Datasheet HTML 142Page - Motorola, Inc 68HC05CL48 Datasheet HTML 143Page - Motorola, Inc 68HC05CL48 Datasheet HTML 144Page - Motorola, Inc 68HC05CL48 Datasheet HTML 145Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 141 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
MOTOROLA
REV 2.0
C-1
APPENDIX C
MC68HC705CL16
This appendix describes the differences between the MC68HC705CL16 and
MC68HC05CL16.
This part is for user system evaluation and debugging only, and is not
recommended for mass production.
C.1
INTRODUCTION
The MC68HC705CL16 is an EPROM version of the MC68HC05CL16, and is
available for user system evaluation and debugging only. The MC68HC705CL16
is functionally identical to the MC68HC05CL16 with the exception of the 16k-byte
user ROM replaced by 16k-byte user EPROM and, the self-check routine is
replaced by a bootstrap routine.
C.2
MEMORY
The MC68HC705CL16 memory map is shown in Figure C-1.
C.3
BOOTLOADER MODE
Bootloader mode is entered upon the rising edge of RESET if the IRQ/VPP pin is
at VTST and the PTB7 pin is at logic one. The Bootloader program and vectors are
masked in the ROM area from $FE00 to $FFEF. This program handles copying of
user code from an external EPROM into the on-chip EPROM. The bootload
function has to be done from an external EPROM. The bootloader performs one
programming pass at 1ms per byte then does a verify pass.
The user code must be a one-to-one correspondence with the internal EPROM
addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com