Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 180 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 180 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 176Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 177Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 178Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 179Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 180Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 181Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 182Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 183Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 184Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 230 page
background image
EPROM/OTPROM
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
EPROM/OTPROM
13.3.1 EPROM Programming Register (EPROG)
The EPROM programming register shown in Figure 13-1 contains the
control bits for programming the EPROM. In normal operation, the
EPROM programming register contains all logic zeros.
EPGM — EPROM Programming
This read/write bit applies the voltage from the IRQ/VPP pin to the
EPROM. To write the EPGM bit, the ELAT bit must already be set.
Clearing the ELAT bit also clears the EPGM bit. Reset clears EPGM.
1 = EPROM programming power switched on
0 = EPROM programming power switched off
MPGM — Mask Option Register (MOR) Programming
This read/write bit applies programming power from the IRQ/VPP pin
to the MOR. Reset clears MPGM.
1 = MOR programming power switched on
0 = MOR programming power switched off
ELAT — EPROM Bus Latch
This read/write bit configures address and data buses for
programming the EPROM array. EPROM data cannot be read when
ELAT is set. Clearing the ELAT bit also clears the EPGM bit. Reset
clears ELAT.
1 = Address and data buses configured for EPROM programming
of the array. The address and data buses are latched in the
EPROM array when a subsequent write to the array is made.
Data in the EPROM array cannot be read.
0 = Address and data buses configured for normal operation
$001C
Bit 7
654321
Bit 0
Read:
00000
ELAT
MPGM
EPGM
Write:
RRRR
Reset:
00000000
= Unimplemented
R
= Reserved for test
Figure 13-1. EPROM Programming Register (EPROG)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com