Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 184 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 184 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 180Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 181Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 182Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 183Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 184Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 185Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 186Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 187Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 188Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 230 page
background image
EPROM/OTPROM
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
EPROM/OTPROM
13.3.3 EPROM Security Bit (EPMSEC)
An EPROM programmable bit is provided at the location of the COP
watchdog register at $1FF0 as shown in Figure 13-3. This bit allows
control of access to the EPROM array. Any accesses of the EPROM
locations will return undefined results when the EPMSEC bit is set. Refer
to 13.4.2 EPMSEC Programming for programming instructions.
EPMSEC — EPROM Security1
This EPROM write-only bit enables the access to the EPROM array.
1 = Access to the EPROM array in non-user modes is denied
0 = Access to the EPROM array in non-user modes is enabled
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the EPROM/OTPROM difficult for unauthorized users.
13.4 EPROM Programming
A programming board is available from Motorola to download to the on-
chip EPROM/OTPROM using the factory-provided programming
software. Factory-provided software for programming the EPROM is
available through the Motorola Freeware Bulletin Board Service (BBS).
The number is (512) 891-FREE. After making the connection, type bbs
in lowercase letters and press the return key to start the BBS software.
The programming software copies to the 6144-byte space located at
EPROM addresses $0700–$1EFF and to the 16-byte space at
$1FF0
Bit 7
654321
Bit 0
Read:
EPMSEC
OPT
Write:
COPC
Reset:
Unaffected by Reset
Erased:
0
———————
= Unimplemented
Figure 13-3. EPROM Security in COP Register (COP)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com