Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 183 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 183 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 179Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 180Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 181Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 182Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 183Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 184Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 185Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 186Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 230 page
background image
EPROM/OTPROM
EPROM Registers
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
EPROM/OTPROM
SWAIT — STOP Conversion to WAIT
This EPROM bit disables the STOP instruction and prevents
inadvertently turning off the COP watchdog with a STOP instruction.
When the SWAIT bit is set, a STOP instruction puts the MCU in halt
mode. Halt mode is a wait-like low-power state. The internal oscillator
and timer clock continue to run, but the CPU clock stops. When the
SWAIT bit is clear, a STOP instruction stops the internal oscillator, the
internal clock, the CPU clock, the timer clock, and the COP watchdog
timer.
1 = STOP instruction converted to WAIT instruction
0 = STOP instruction not converted to WAIT instruction
LVREN — Low-Voltage Reset Enable
This EPROM bit enables the low-voltage reset (LVR) function.
1 = LVR function enabled
0 = LVR function disabled
PIRQ — Port A IRQ Enable
This EPROM bit enables the PA3–PA0 pins to function as external
interrupt sources.
1 = PA3–PA0 enabled as external interrupt sources
0 = PA3–PA0 not enabled as external interrupt sources
LEVEL — External Interrupt Sensitivity
This EPROM bit makes the external interrupt inputs level-triggered as
well as edge-triggered
1 = IRQ/VPP pin negative-edge triggered and low-level triggered;
PA3–PA0 pins positive-edge triggered and high-level triggered
0 = IRQ/VPP pin negative-edge triggered only; PA3–PA0 pins
positive-edge triggered only
COPEN — COP Watchdog Enable
This EPROM bit enables the COP watchdog.
1 = COP watchdog enabled
0 = COP watchdog disabled
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com