Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 182 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 182 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 178Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 179Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 180Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 181Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 182Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 183Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 184Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 185Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 186Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 230 page
background image
EPROM/OTPROM
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
EPROM/OTPROM
SWPDI — Software Pulldown Inhibit
This EPROM bit inhibits software control of the port A and port B
pulldown devices.
1 = Software pulldown inhibited
0 = Software pulldown enabled
DELAY — Stop Startup Delay
This EPROM bit selects the number of bus cycles that must elapse
before bus activity begins following a restart from the stop mode.
1 = Startup delay is 4064 bus cycles
0 = Startup delay is 16 bus cycles
CAUTION:
The 16-cycle delay option will work properly in devices with the internal
low power oscillator or with a steady external clock source. Check
crystal/ceramic resonator specifications carefully before using the 16-
cycle delay option with a crystal or ceramic resonator.
OSCRES — Oscillator Resistor
This EPROM bit configures the on-chip oscillator an internal shunt
resistor.
1 = Oscillator configured with 2 M shunt resistor
0 = Oscillator configured without a shunt resistor
NOTE:
The optional oscillator resistor is NOT recommended for devices that
use an external RC oscillator. For such devices, this bit should be left
erased as a zero.
$1FF1
Bit 7
6
5
4321
Bit 0
Read:
SWPDI
DELAY
OSCRES
SWAIT
LVREN
PIRQ
LEVEL
COPEN
Write:
Reset:
Unaffected by Reset
Erased:
0
0
0
00000
Figure 13-2. Mask Option Register (MOR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com