Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK70 Datasheet(PDF) 45 Page - Samsung semiconductor

Part # KM418RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK70 Datasheet(HTML) 45 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK70 Datasheet HTML 41Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 42Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 43Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 44Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 45Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 46Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 47Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 48Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 49Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
Page 42
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
Refresh
RDRAMs, like any other DRAM technology, use volatile
storage cells which must be periodically refreshed. This is
accomplished with the REFA command. Figure 50 shows an
example of this.
The REFA command in the transaction is typically a broad-
cast command (DR4T and DR4F are both set in the ROWR
packet), so that in all devices bank number Ba is activated
with row number REFR, where REFR is a control register in
the RDRAM. When the command is broadcast and ATTN is
set, the power state of the RDRAMs (ATTN or STBY) will
remain unchanged. The controller increments the bank
address Ba for the next REFA command. When Ba is equal
to its maximum value, the RDRAM automatically incre-
ments REFR for the next REFA command.
On average, these REFA commands are sent once every
tREF/2
BBIT+RBIT (where BBIT are the number of bank
address bits and RBIT are the number of row address bits) so
that each row of each bank is refreshed once every tREF
interval.
The REFA command is equivalent to an ACT command, in
terms of the way that it interacts with other packets (see
Table 10). In the example, an ACT command is sent after
tRR to address b0, a different (non-adjacent) bank than the
REFA command.
A second ACT command can be sent after a time tRC to
address c0, the same bank (or an adjacent bank) as the REFA
command.
Note that a broadcast REFP command is issued a time tRAS
after the initial REFA command in order to precharge the
refreshed bank in all RDRAMs. After a bank is given a
REFA command, no other core operations (activate or
precharge) should be issued to it until it receives a REFP.
It is also possible to interleave refresh transactions (not
shown). In the figure, the ACT b0 command would be
replaced by a REFA b0 command. The b0 address would be
broadcast to all devices, and would be {Broadcast, Ba+2,
REFR}. Note that the bank address should skip by two to
avoid adjacent bank interference. A possible bank incre-
menting pattern would be: {13, 11, 9, 7, 5, 3, 1, 8, 10, 12, 14,
0, 2, 4, 6, 15, 29, 27, 25, 23, 21, 19, 17, 24, 26, 28, 30, 16,
18, 20, 22, 31}. Every time bank 31 is reached, the REFA
command would automatically increment the REFR register.
A second refresh mechanism is available for use in PDN and
NAP power states. This mechanism is called self-refresh
mode. When the PDN power state is entered, or when NAP
power state is entered with the NSR control register bit set,
then self-refresh is automatically started for the RDRAM.
Self-refresh uses an internal time base reference in the
RDRAM. This causes an activate and precharge to be
carried out once in every tREF/2
BBIT+RBIT interval. The
REFB and REFR control registers are used to keep track of
the bank and row being refreshed.
Before a controller places an RDRAM into self-refresh
mode, it should perform REFA/REFP refreshes until the
bank address is equal to the maximum value. This ensures
that no rows are skipped. When a controller returns an
RDRAM to REFA/REFP refresh, it should start with the
minimum bank address value (zero).
Figure 50: REFA/REFP Refresh Transaction Example
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T24
T28
T17
T21
T25
T29
T18
T22
T26
T30
T19
T23
T27
T31 T32
T36
T40
T44
T33
T37
T41
T45
T34
T38
T42
T46
T35
T39
T43
T47
REFA a0
ACT c0
tRAS
tRC
tRP
Transaction a: REFA
a0 = {Broadcast,Ba,REFR}
a1 = {Broadcast,Ba}
Transaction c: xx
c0 = {Dc, ==Ba, Rc}
REFA d0
tREF/2
BBIT+RBIT
BBIT = # bank address bits
RBIT = # row address bits
ACT b0
Transaction d: REFA
d0 = {Broadcast,Ba+1,REFR}
REFB = REFB3..REFB0
REFR = REFR8..REFR0
tRR
Transaction b: xx
b0 = {Db, /={Ba,Ba+1,Ba-1}, Rb}
REFP a1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com