Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK70 Datasheet(PDF) 20 Page - Samsung semiconductor

Part # KM418RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK70 Datasheet(HTML) 20 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK70 Datasheet HTML 16Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 17Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 18Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 19Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 20Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 21Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 22Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 23Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 24Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
Page 17
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
Figure 12 shows examples of the PRER-to-PRER (RR13,
RR14) and PRER-to-ACT (RR9, RR10) command spacings
from Table 10. The RR15 and RR16 cases (PRER-to-PRER
to same or adjacent banks) are not shown, but are similar to
RR14. In general, the commands in ROW packets may be
spaced an interval tPACKET apart unless they are directed to
the same or adjacent banks or unless they are a similar
command type (both PRER or both ACT) directed to the
same device.
Row and Column Cycle Description
Activate: A row cycle begins with the activate (ACT) opera-
tion. The activation process is destructive; the act of sensing
the value of a bit in a bank’s storage cell transfers the bit to
the sense amp, but leaves the original bit in the storage cell
with an incorrect value.
Restore: Because the activation process is destructive, a
hidden operation called restore is automatically performed.
The restore operation rewrites the bits in the sense amp back
into the storage cells of the activated row of the bank.
Read/Write: While the restore operation takes place, the
sense amp may be read (RD) and written (WR) using
column operations. If new data is written into the sense amp,
it is automatically forwarded to the storage cells of the bank
so the data in the activated row and the data in the sense amp
remain identical.
Precharge: When both the restore operation and the column
operations are completed, the sense amp and bank are
precharged (PRE). This leaves them in the proper state to
begin another activate operation.
Intervals: The activate operation requires the interval
tRCD,MIN to complete. The hidden restore operation requires
the interval tRAS,MIN - tRCD,MIN to complete. Column read
and write operations are also performed during the tRAS,MIN
- tRCD,MIN interval (if more than about four column opera-
tions are performed, this interval must be increased). The
precharge operation requires the interval tRP,MIN to
complete.
Adjacent Banks: An RDRAM with an “s” designation
(256Kx32sx16/18) indicates it contains “split banks”. This
means the sense amps are shared between two adjacent
banks. The only exception is that sense amp 0, 15, 30, and
31are not shared. When a row in a bank is activated, the two
adjacent sense amps are connected to (associated with) that
bank and are not available for use by the two adjacent banks.
These two adjacent banks must remain precharged while the
selected bank goes through its activate, restore, read/write,
and precharge operations.
For example (referring to the block diagram of Figure 2), if
bank 5 is accessed, sense amp 4/5 and sense amp 5/6 will
both be loaded with one of the 512 rows (with 512 bytes
loaded into each sense amp from the 1Kbyte row - 256 bytes
to the DQA side and 256 bytes to the DQB side). While this
row from bank 5 is being accessed, no rows may be accessed
in banks 4 or 6 because of the sense amp sharing.
Figure 12: Row Packet Examples
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T24
T28
T17
T21
T25
T29
T18
T22
T26
T30
T19
T23
T27
T31 T32
T36
T40
T44
T33
T37
T41
T45
T34
T38
T42
T46
T35
T39
T43
T47
PRER a0
ACT b0
tPACKET
PRER c0
a0 = {Da,Ba,Ra}
b0 = {Db,Bb,Rb}
c0 = {Da,Bc,Rc}
Different Device
Any Bank
Same Device
Non-adjacent Bank
RR13
RR14
PRER a0
PRER a0
PRER b0
ACT c0
b0 = {Db,Bb,Rb}
c0 = {Da,Bc,Rc}
Different Device
Any Bank
Same Device
Non-adjacent Bank
RR9
RR10
PRER a0
c0 = {Da,Ba+1Rc}
Same Device
Same Bank
RR16
c0 = {Da,Ba,Rc}
Same Device
Adjacent Bank
RR15
tPP
tPACKET
tPACKET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com