Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK70 Datasheet(PDF) 60 Page - Samsung semiconductor

Part # KM418RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK70 Datasheet(HTML) 60 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK70 Datasheet HTML 56Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 57Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 58Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 59Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 60Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 61Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 62Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 63Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 64Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
Page 57
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
This circuit does not include pin coupling effects that are
often present in the packaged device. Because coupling
effects make the effective single-pin inductance LI, and
capacitance CI, a function of neighboring pins, these param-
eters are intrinsically data-dependent. For purposes of speci-
fying the device electrical loading on the Channel, the
effective LI and CI are defined as the worst-case values over
all specified operating conditions.
LI is defined as the effective pin inductance based on the
device pin assignment. Because the pad assignment places
each RSL signal adjacent to an AC ground (a Gnd or Vdd
pin), the effective inductance must be defined based on this
configuration. Therefore, LI assumes a loop with the RSL
pin adjacent to an AC ground.
CI is defined as the effective pin capacitance based on the
device pin assignment. It is the sum of the effective package
pin capacitance and the IO pad capacitance.
Table 25: RSL Pin Parasitics
Symbol
Parameter and Conditions - RSL pins
IO freq.
Min
Max
Unit
LI
RSL effective input inductance
4.0
nH
L12
Mutual inductance between any DQA or DQB RSL signals.
0.2
nH
Mutual inductance between any ROW or COL RSL signals.
0.6
nH
∆L
I
Difference in LI value between any RSL pins of a single device.
-
1.8
nH
CI
RSL effective input capacitancea
-800
2.0
2.4
pF
-711
2.0
2.4
-600
2.0
2.6
C12
Mutual capacitance between any RSL signals.
-
0.1
pF
∆C
I
Difference in CI value between average of CTM/CFM and any RSL
pins of a single device.
-
0.06
pF
RI
RSL effective input resistance
4
15
Ω
a. This value is a combination of the device IO circuitry and package capacitances.
Table 26: CMOS Pin Parasitics
Symbol
Parameter and Conditions - CMOS pins
Min
Max
Unit
LI ,CMOS
CMOS effective input inductance
8.0
nH
CI ,CMOS
CMOS effective input capacitance (SCK,CMD)a
1.7
2.1
pF
CI ,CMOS,SIO
CMOS effective input capacitance (SIO1, SIO0)a
-
7.0
pF
a. This value is a combination of the device IO circuitry and package capacitances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com