Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK70 Datasheet(PDF) 18 Page - Samsung semiconductor

Part # KM418RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK70 Datasheet(HTML) 18 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK70 Datasheet HTML 14Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 15Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 16Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 17Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 18Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 19Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 20Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 21Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 22Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
Page 15
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
COL-to-ROW Packet Interaction
Figure 9 shows arbitrary packets on the COL and ROW pins.
They must be separated by an interval tCRDELAY which
depends upon the command and address values in the
packets. Table 13 summarizes the tCRDELAY value for all
possible cases.
Cases CR1, CR2, CR3, and CR9 show no interaction
between the COL and ROW packets, either because one of
the commands is a NOP or because the packets are directed
to different devices or to non-adjacent banks.
Case CR4 is illegal because an already-activated bank is to
be re-activated without being precharged Case CR5 is illegal
because an adjacent bank can’t be activated or precharged
until bank Ba is precharged first.
In case CR6, the COLC packet contains a RD command, and
the ROW packet contains a PRER command for the same
bank. The tRDP parameter specifies the required spacing.
Likewise, in case CR7, the COLC packet causes an auto-
matic retire to take place, and the ROW packet contains a
PRER command for the same bank. The tRTP parameter
specifies the required spacing.
Case CR8 is labeled “Hazardous” because a WR command
should always be followed by an automatic retire before a
precharge is scheduled. Figure 19 shows an example of what
can happen when the retire is not able to happen before the
precharge.
For the purposes of analyzing COL-to-ROW interactions,
the PREC, WRA, and RDA commands of the COLC packet
are equivalent to the NOCOP, WR, and RD commands.
These commands also cause a precharge operation to take
place. This precharge may converted to an equivalent PRER
command on the ROW pins using the rules summarized in
Figure 14.
A ROW packet may contain commands other than ACT or
PRER. The REFA and REFP commands are equivalent to
ACT and PRER for interaction analysis purposes. The inter-
action rules of the NAPR, PDNR, and RLXR commands are
discussed in a later section.
Figure 9: COL-to-ROW Packet Interaction- Timing
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T
T17 T18 T19
Transaction a: COPa
Transaction b: ROPb
a1= {Da,Ba,Ca1}
b0= {Db,Bb,Rb}
tCRDELAY
ROPb b0
COPa a1
Table 13: COL-to-ROW Packet Interaction - Rules
Case #
COPa
Da
Ba
Ca1
ROPb
Db
Bb
Rb
tCRDELAY
Example
CR1
NOCOP
Da
Ba
Ca1
x..x
xxxxx
xxxx
x..x
0
CR2
RD/WR
Da
Ba
Ca1
x..x
/= Da
xxxx
x..x
0
CR3
RD/WR
Da
Ba
Ca1
x..x
== Da
/= {Ba,Ba+1,Ba-1}
x..x
0
CR4
RD/WR
Da
Ba
Ca1
ACT
== Da
== {Ba}
x..x
Illegal
CR5
RD/WR
Da
Ba
Ca1
ACT
== Da
== {Ba+1,Ba-1}
x..x
Illegal
CR6
RD
Da
Ba
Ca1
PRER
== Da
== {Ba,Ba+1,Ba-1}
x..x
tRDP
Figure 15
CR7
retirea
Da
Ba
Ca1
PRER
== Da
== {Ba,Ba+1,Ba-1}
x..x
tRTP
Figure 16
CR8
WRb
Da
Ba
Ca1
PRER
== Da
== {Ba,Ba+1,Ba-1}
x..x
0
Figure 19
CR9
xxxx
Da
Ba
Ca1
NOROP
xxxxx
xxxx
x..x
0
a. This is any command which permits the write buffer of device Da to retire (see Table 8). “Ba” is the bank address in the write buffer.
b. This situation is hazardous because the write buffer will be left unretired while the targeted bank is precharged. See Figure 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com