Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK70 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KM418RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK70 Datasheet(HTML) 5 Page - Samsung semiconductor

  KM418RD8ACD-RK70 Datasheet HTML 1Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 2Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 3Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 4Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 5Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 6Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 7Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 8Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Page 2
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
Pinouts and Definitions
Normal Package
This table shows the pin assignments of the normal RDRAM package.
Mirrored Package
This table shows the pin assignments of the mirrored RDRAM package.
Table 1 : a. Center-Bonded Device(Top View For Normal Package)
12
GND
VDD
VDD
GND
11
10
DQA7
DQA4
CFM
CFMN
RQ5
RQ3
DQB0
DQB4
DQB7
9
GND
VDD
GND
GNDa
VDD
GND
VDD
VDD
GND
8
CMD
DQA5
DQA2
VDDa
RQ6
RQ2
DQB1
DQB5
SIO1
7
6
5
SCK
DQA6
DQA1
VREF
RQ7
RQ1
DQB2
DQB6
SIO0
4
VCMOS
GND
VDD
GND
GND
VDD
GND
GND
VCMOS
3
DQA8*
DQA3
DQA0
CTMN
CTM
RQ4
RQ0
DQB3
DQB8*
2
1
GND
VDD
VDD
GND
A
B
C
D
E
F
G
H
J
Table 2: a.Center-Bonded Device(Top View For Mirrored Package)
12
GND
VDD
VDD
GND
11
10
DQA8*
DQA3
DQA0
CTMN
CTM
RQ4
RQ0
DQB3
DQB8*
9
VCMOS
GND
VDD
GND
GND
VDD
GND
GND
VCMOS
8
SCK
DQA6
DQA1
VREF
RQ7
RQ1
DQB2
DQB6
SIO0
7
6
5
CMD
DQA5
DQA2
VDDa
RQ6
RQ2
DQB1
DQB5
SIO1
4
GND
VDD
GND
GNDa
VDD
GND
VDD
VDD
GND
3
DQA7
DQA4
CFM
CFMN
RQ5
RQ3
DQB0
DQB4
DQB7
2
1
GND
VDD
VDD
GND
A
B
C
D
E
F
G
H
J
For mirrored package, pin #1(ROW 1, COL A)
is located at the A1 postion on the top side and
the A1 position is marked by the alphabet “M“.
Chip
Top View
* DQA8/DQB8 are just used for
144Mb RDRAM. These two pins are
NC(No Connection) in 128Mb RDRAM.
b.
Top marking example of normal package
For normal package, pin #1(ROW 1, COL A) is
located at the A1 position on the top side and
the A1 position is marked by the marker “
“
.
b. Top marking example of mirrored package
COL
ROW
COL
ROW
SEC KOREA
KM4xxRD8AC
M
SEC KOREA
KM4xxRD8AD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com