Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK70 Datasheet(PDF) 12 Page - Samsung semiconductor

Part # KM418RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK70 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK70 Datasheet HTML 8Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 9Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 10Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 11Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 12Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 13Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 14Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 15Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
Page 9
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
Table 8 shows the COP field encoding. The device must be
in the ATTN power state in order to receive COLC packets.
The COLC packet is used primarily to specify RD (read) and
WR (write) commands. Retire operations (moving data from
the write buffer to a sense amp) happen automatically. See
Figure 17 for a more detailed description.
The COLC packet can also specify a PREC command,
which precharges a bank and its associated sense amps. The
RDA/WRA commands are equivalent to combining RD/WR
with a PREC. RLXC (relax) performs a power mode transi-
tion. See “ Power State Management “ on page 38.
Table 9 shows the COLM and COLX field encodings. The
M bit is asserted to specify a COLM packet with two 8 bit
bytemask fields MA and MB. If the M bit is not asserted, an
COLX is specified. It has device and bank address fields,
and an opcode field. The primary use of the COLX packet is
to permit an independent PREX (precharge) command to be
specified without consuming control bandwidth on the ROW
pins. It is also used for the CAL(calibrate) and SAM
(sample) current control commands (see “Current and
Temperature Control“ on page 43), and for the RLXX power
mode command (see “Power State Management“ on page
38).
Table 8: COLC Packet Field Encodings
S
DC4.. DC0
(select device)a
COP3..0 Name
Command Description
0
----
-----
-
No operation.
1
/= (DEVID4 ..0)
-----
-
Retire write buffer of this device.
1
== (DEVID4 ..0)
x000b
NOCOP
Retire write buffer of this device.
1
== (DEVID4 ..0)
x001
WR
Retire write buffer of this device, then write column C5..C0 of bank BC4..BC0 to write buffer.
1
== (DEVID4 ..0)
x010
RSRV
Reserved, no operation.
1
== (DEVID4 ..0)
x011
RD
Read column C5..C0 of bank BC4..BC0 of this device.
1
== (DEVID4 ..0)
x100
PREC
Retire write buffer of this device, then precharge bank BC4..BC0 (see Figure 14).
1
== (DEVID4 ..0)
x101
WRA
Same as WR, but precharge bank BC4..BC0 after write buffer (with new data) is retired.
1
== (DEVID4 ..0)
x110
RSRV
Reserved, no operation.
1
== (DEVID4 ..0)
x111
RDA
Same as RD, but precharge bank BC4..BC0 afterward.
1
== (DEVID4 ..0)
1xxx
RLXC
Move this device into the standby (STBY) power state (see Figure 46).
a.
“ /= “ means not equal, “ == “ means equal.
b. An
“ x“ entry indicates which commands may be combined. For instance, the two commands WR/RLXC may be specified in one COP value(1001).
Table 9: COLM Packet and COLX Packet Field Encodings
M
DX4 .. DX0
(selects device)
XOP4..0
Name
Command Description
1
----
-
MSK
MB/MA bytemasks used by WR/WRA.
0
/= (DEVID4 ..0)
-
-
No operation.
0
== (DEVID4 ..0)
00000
NOXOP
No operation.
0
== (DEVID4 ..0)
1xxx0a
PREX
Precharge bank BX4..BX0 of this device (see Figure 14).
0
== (DEVID4 ..0)
x10x0
CAL
Calibrate (drive) IOL current for this device (see Figure 51).
0
== (DEVID4 ..0)
x11x0
CAL/SAM
Calibrate (drive) and Sample ( update) IOL current for this device (see Figure 51).
0
== (DEVID4 ..0)
xxx10
RLXX
Move this device into the standby (STBY) power state (see Figure 46).
0
== (DEVID4 ..0)
xxxx1
RSRV
Reserved, no operation.
a. An
“x“ entry indicates which commands may be combined. For instance, the two commands PREX/RLXX may be specified in one XOP value (10010).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com