Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK70 Datasheet(PDF) 51 Page - Samsung semiconductor

Part # KM418RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK70 Datasheet(HTML) 51 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK70 Datasheet HTML 47Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 48Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 49Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 50Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 51Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 52Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 53Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 54Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 55Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
Page 48
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
RSL - Receive Timing
Figure 54 is a timing diagram which shows the detailed
requirements for the RSL input signals on the Channel.
The DQA, DQB, ROW, and COL signals are inputs which
receive information transmitted by a Direct RAC on the
Channel. Each signal is sampled twice per tCYCLE interval.
The set/hold window of the sample points is tS/tH. The
sample points are centered at the 0% and 50% points of a
cycle, measured relative to the crossing points of the falling
CFM clock edge. The set and hold parameters are measured
at the VREF voltage point of the input transition.
The tDR and tDF rise- and fall-time parameters are measured
at the 20% and 80% points of the input transition.
Figure 54: RSL Timing - Data Signals for Receive
VDIH
VREF
VDIL
80%
20%
VCIH
50%
VCIL
80%
20%
CFM
CFMN
DQA
tS
ROW
DQB
tDF
tDR
tH
tS
tH
0.5•t CYCLE
even
odd
COL
VCM
VX+
VX-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com