Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK70 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KM418RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK70 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK70 Datasheet HTML 4Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 5Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 6Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 7Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 8Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 9Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 10Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 11Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Page 5
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
General Description
Figure 2 is a block diagram of the 128/144 Mbit Direct
RDRAM. It consists of two major blocks: a “core” block
built from banks and sense amps similar to those found in
other types of DRAM, and a Direct Rambus interface block
which permits an external controller to access this core at up
to 1.6GB/s.
Control Registers: The CMD, SCK, SIO0, and SIO1
pins appear in the upper center of Figure 2. They are used to
write and read a block of control registers. These registers
supply the RDRAM configuration information to a
controller and they select the operating modes of the device.
The nine bit REFR value is used for tracking the last
refreshed row. Most importantly, the five bit DEVID speci-
fies the device address of the RDRAM on the Channel.
Clocking: The CTM and CTMN pins (Clock-To-Master)
generate TCLK (Transmit Clock), the internal clock used to
transmit read data. The CFM and CFMN pins (Clock-From-
Master) generate RCLK (Receive Clock), the internal clock
signal used to receive write data and to receive the ROW and
COL pins.
DQA,DQB Pins: These 18 pins carry read (Q) and write
(D) data across the Channel. They are multiplexed/de-multi-
plexed from/to two 72-bit data paths (running at one-eighth
the data frequency) inside the RDRAM.
Banks: The 16Mbyte core of the RDRAM is divided into
32 0.5Mbyte banks, each organized as 512 rows, with each
row containing 64 dualocts, and each dualoct containing 16
bytes. A dualoct is the smallest unit of data that can be
addressed.
Sense Amps: The RDRAM contains 34 sense amps. Each
sense amp consists of 512 bytes of fast storage (256 for
DQA and 256 for DQB) and can hold one-half of one row of
one bank of the RDRAM. The sense amp may hold any of
the 512 half-rows of an associated bank. However, each
sense amp is shared between two adjacent banks of the
RDRAM (except for numbers 0, 15, 30, and 31). This intro-
duces the restriction that adjacent banks may not be simulta-
neously accessed.
RQ Pins: These pins carry control and address informa-
tion. They are broken into two groups. RQ7..RQ5 are also
called ROW2..ROW0, and are used primarily for controlling
row accesses. RQ4..RQ0 are also called COL4..COL0, and
are used primarily for controlling column accesses.
ROW Pins: The principle use of these three pins is to
manage the transfer of data between the banks and the sense
amps of the RDRAM. These pins are de-multiplexed into a
24-bit ROWA (row-activate) or ROWR (row-operation)
packet.
COL Pins: The principle use of these five pins is to
manage the transfer of data between the DQA/DQB pins and
the sense amps of the RDRAM. These pins are de-multi-
plexed into a 23-bit COLC (column-operation) packet and
either a 17-bit COLM (mask) packet or a 17-bit COLX
(extended-operation) packet.
ACT Command: An ACT (activate) command from an
ROWA packet causes one of the 512 rows of the selected
bank to be loaded to its associated sense amps (two 256 byte
sense amps for DQA and two for DQB).
PRER Command: A PRER (precharge) command from
an ROWR packet causes the selected bank to release its two
associated sense amps, permitting a different row in that
bank to be activated, or permitting adjacent banks to be acti-
vated.
RD Command: The RD (read) command causes one of
the 64 dualocts of one of the sense amps to be transmitted on
the DQA/DQB pins of the Channel.
WR Command: The WR (write) command causes a
dualoct received from the DQA/DQB data pins of the
Channel to be loaded into the write buffer. There is also
space in the write buffer for the BC bank address and C
column address information. The data in the write buffer is
automatically retired (written with optional bytemask) to one
of the 64 dualocts of one of the sense amps during a subse-
quent COP command. A retire can take place during a RD,
WR, or NOCOP to another device, or during a WR or
NOCOP to the same device. The write buffer will not retire
during a RD to the same device. The write buffer reduces the
delay needed for the internal DQA/DQB data path turn-
around.
PREC Precharge: The PREC, RDA and WRA
commands are similar to NOCOP, RD and WR, except that
a precharge operation is performed at the end of the column
operation. These commands provide a second mechanism
for performing precharge.
PREX Precharge: After a RD command, or after a WR
command with no byte masking (M=0), a COLX packet may
be used to specify an extended operation (XOP). The most
important XOP command is PREX. This command provides
a third mechanism for performing precharge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com