Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK70 Datasheet(PDF) 55 Page - Samsung semiconductor

Part # KM418RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK70 Datasheet(HTML) 55 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK70 Datasheet HTML 51Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 52Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 53Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 54Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 55Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 56Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 57Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 58Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 59Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
Page 52
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
CMOS - Transmit Timing
Figure 58 is a timing diagram which shows the detailed
requirements for the CMOS output signals. The SIO0 signal
is driven once per tCYCLE1 interval on the falling edge. The
clock-to-output window is tQ1,MIN/tQ1,MAX. The SCK and
SIO0 timing points are measured at the 50% level. The rise
and fall times of SIO0 are tQR1 and tQF1, measured at the
20% and 80% levels.
Figure 58: CMOS Timing - Data Signals for Transmit
VIH,CMOS
50%
VIL,CMOS
80%
20%
SCK
SIO0
tQR1
tQF1
VOH,CMOS
50%
VOL,CMOS
80%
20%
tQ1,MAX
VIH,CMOS
50%
VIL,CMOS
80%
20%
tHR,MIN
VOH,CMOS
50%
VOL,CMOS
80%
20%
SIO0
tDR1
tDF1
tQR1
tQF1
tPROP1,MAX
tPROP1,MIN
or
SIO1
SIO1
or
SIO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com