Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK70 Datasheet(PDF) 49 Page - Samsung semiconductor

Part # KM418RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK70 Datasheet(HTML) 49 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK70 Datasheet HTML 45Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 46Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 47Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 48Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 49Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 50Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 51Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 52Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 53Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Page 46
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
Electrical Characteristics
Timing Characteristics
Table 20: Electrical Characteristics
Symbol
Parameter and Conditions
Min
Max
Unit
Θ
JC
Junction-to-Case thermal resistance
-
0.2
°C/Watt
IREF
VREF current @ VREF,MAX
-10
10
µA
IOH
RSL output high current @ (0
≤V
OUT≤VDD)
-10
10
µA
IALL
RSL IOL current @ VOL = 0.9V, VDD,MIN , TJ,MAX
a
30.0
90.0
mA
∆I
OL
RSL IOL current resolution step
-
2.0
mA
rOUT
Dynamic output impedance
150
-
Ω
II,CMOS
CMOS input leakage current @ (0
≤V
I,CMOS≤VCMOS)
-10.0
10.0
µA
VOL,CMOS
CMOS output voltage @ IOL,CMOS= 1.0mA
-
0.3
V
VOH,CMOS
CMOS output high voltage @ IOH,CMOS= -0.25mA
VCMOS-0.3
-
V
a. This measurement is made in manual current control mode; i.e. with all output device legs sinking current.
Table 21: Timing Characteristics
Symbol
Parameter
Min
Max
Unit
Figure(s)
tQ
CTM-to-DQA/DQB output time
@ tCYCLE=3.33ns
@ tCYCLE=2.81ns
@ tCYCLE=2.50ns
-0.350a,c
-0.300b,c
-0.260c
+0.350a,c
+0.300b,c
+0.260c
ns
Figure 55
tQR, tQF
DQA/DQB output rise and fall times
0.2
0.45
ns
Figure 55
tQ1
SCK(neg)-to-SIO0 delay @ CLOAD,MAX = 20pF (SD read data valid).
-
10
ns
Figure 58
tHR
SCK(pos)-to-SIO0 delay @ CLOAD,MAX = 20pF (SD read data hold).
2
-
ns
Figure 58
tQR1, tQF1
SIOOUT rise/fall @ CLOAD,MAX = 20pF
-
5
ns
Figure 58
tPROP1
SIO0-to-SIO1 or SIO1-to-SIO0 delay @ CLOAD,MAX = 20pF
-
10
ns
Figure 58
tNAPXA
NAP exit delay - phase A
-
50
ns
Figure 48
tNAPXB
NAP exit delay - phase B
-
40
ns
Figure 48
tPDNXA
PDN exit delay - phase A
-
4
µs
Figure 48
tPDNXB
PDN exit delay - phase B
-
9000
tCYCLE
Figure 48
tAS
ATTN-to-STBY power state delay
-
1
tCYCLE
Figure 46
tSA
STBY-to-ATTN power state delay
-
0
tCYCLE
Figure 46
tASN
ATTN/STBY-to-NAP power state delay
-
8
tCYCLE
Figure 47
tASP
ATTN/STBY-to-PDN power state delay
-
8
tCYCLE
Figure 47
a. This parameter also applies to a -800 or -711 part when operated with tCYCLE=3.33ns.
b. This parameter also applies to a -800 part when operated with tCYCLE=2.81ns.
c. tQ,MIN and tQ,MAX for other tCYCLE values can be interpolated between or extrapolated from the timings at the 3 specified tCYCLE values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com