Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK70 Datasheet(PDF) 54 Page - Samsung semiconductor

Part # KM418RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK70 Datasheet(HTML) 54 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK70 Datasheet HTML 50Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 51Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 52Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 53Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 54Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 55Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 56Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 57Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 58Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
Page 51
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
The SCK clock is also used for sampling data on RSL inputs
in one situation. Figure 48 shows the PDN and NAP exit
sequences. If the PSX field of the INIT register is one (see
Figure 27), then the PDN and NAP exit sequences are broad-
cast; i.e. all RDRAMs that are in PDN or NAP will perform
the exit sequence. If the PSX field of the INIT register is
zero, then the PDN and NAP exit sequences are directed; i.e.
only one RDRAM that is in PDN or NAP will perform the
exit sequence.
The address of that RDRAM is specified on the DQA[5:0]
bus in the set/hold window tS3/tH3 around the rising edge of
SCK. This is shown in Figure 57. The SCK timing point is
measured at the 50% level, and the DQA[5:0] bus signals are
measured at the VREF level.
Figure 57: CMOS Timing - Device Address for NAP or PDN Exit
VIH,CMOS
50%
VIL,CMOS
80%
20%
SCK
VDIH
VREF
VDIL
80%
20%
DQA[5:0]
tS3
tH3
PDEV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com