Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK70 Datasheet(PDF) 50 Page - Samsung semiconductor

Part # KM418RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK70 Datasheet(HTML) 50 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK70 Datasheet HTML 46Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 47Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 48Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 49Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 50Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 51Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 52Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 53Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 54Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
Page 47
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
RSL - Clocking
Figure 53 is a timing diagram which shows the detailed
requirements for the RSL clock signals on the Channel.
The CTM and CTMN are differential clock inputs used for
transmitting information on the DQA and DQB, outputs.
Most timing is measured relative to the points where they
cross. The tCYCLE parameter is measured from the falling
CTM edge to the falling CTM edge. The tCL and tCH param-
eters are measured from falling to rising and rising to falling
edges of CTM. The tCR and tCF rise- and fall-time parame-
ters are measured at the 20% and 80% points.
The CFM and CFMN are differential clock outputs used for
receiving information on the DQA, DQB, ROW and COL
outputs. Most timing is measured relative to the points
where they cross. The tCYCLE parameter is measured from
the falling CFM edge to the falling CFM edge. The tCL and
tCH parameters are measured from falling to rising and rising
to falling edges of CFM. The tCR and tCF rise- and fall-time
parameters are measured at the 20% and 80% points.
The tTR parameter specifies the phase difference that may be
tolerated with respect to the CTM and CFM differential
clock inputs (the CTM pair is always earlier).
Figure 53: RSL Timing - Clock Signals
VCIH
50%
VCIL
80%
20%
CTM
CTMN
VCIH
50%
VCIL
80%
20%
CFM
CFMN
tTR
tCF
tCF
tCR
tCR
tCYCLE
tCL
tCH
tCF
tCF
tCR
tCR
tCYCLE
tCL
tCH
VCM
VX+
VX-
VCM
VX+
VX-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com