Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK70 Datasheet(PDF) 14 Page - Samsung semiconductor

Part # KM418RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK70 Datasheet(HTML) 14 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK70 Datasheet HTML 10Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 11Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 12Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 13Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 14Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 15Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 16Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 17Page - Samsung semiconductor KM418RD8ACD-RK70 Datasheet HTML 18Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
Page 11
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
Figure 5: Mapping Between COLM Packet and D Packet for WR Command
CTM/CFM
COL4
COL3
COL2
COL1
COL0
T17
T18
T19
T20
MA7 MA5 MA3 MA1
M=1 MA6 MA4 MA2 MA0
MB7 MB4 MB1
MB6 MB3 MB0
MB5 MB2
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T24
T28
T17
T21
T25
T29
T18
T22
T26
T30
T19
T23
T27
T31 T32
T36
T40
T44
T33
T37
T41
T45
T34
T38
T42
T46
T35
T39
T43
T47
MSK (a1)
retire (a1)
WR a1
D (a1)
ACT b0
ACT a0
Transaction a: WR
a0 = {Da,Ba,Ra}
a1 = {Da,Ba,Ca1}
a3 = {Da,Ba}
tRTR
T19
T20
T21
T22
CTM/CFM
DQB8
DQB7
DQB1
DQB0
DB71
DB8
DB17 DB26 DB35 DB45 DB53 DB62
DB7
DB16 DB25 DB34 DB44 DB52 DB61 DB70
DB1
DB10 DB19 DB28 DB37 DB46 DB55 DB64
DB0
DB9
DB18 DB27 DB36 DB45 DB54 DB63
COLM Packet
PRER a2
DQA8
DQA7
DQA1
DQA0
D Packet
MB0
DA71
DA8
DA17 DA26 DA35 DA45 DA53 DA62
DA7
DA16 DA25 DA34 DA44 DA52 DA61 DA70
DA1
DA10 DA19 DA28 DA37 DA46 DA55 DA64
DA0
DA9
DA18 DA27 DA36 DA45 DA54 DA63
MA0
MB1
MA1
MB2
MA2
MB3
MA3
MB4
MA4
MB5
MA5
MB6
MA6
MB7
MA7
tCWD
Each bit of the MB7..MB0 field
controls writing (=1) or no writing
(=0) of the indicated DB bits when
the M bit of the COLM packet is one.
Each bit of the MA7..MA0 field
controls writing (=1) or no writing
(=0) of the indicated DA bits when
the M bit of the COLM packet is one.
When M=1, the MA and MB
fields control writing of
individual data bytes.
When M=0, all data bytes are
written unconditionally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com