Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6663-FAQW Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA6663-FAQW
Description  LIN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6663-FAQW Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA6663-FAQW Datasheet HTML 4Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 5Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 6Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 7Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 8Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 9Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 10Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 11Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
9146D–AUTO–09/10
Atmel ATA6663/ATA6664
3.13
Local Wake-up via Pin WAKE
A falling edge at pin WAKE, followed by a low level maintained for a certain time period
(t
WAKE), results in a local wake-up request. According to ISO7637, the wake-up time ensures
that no transient creates a wake-up. The device then switches to fail-safe mode. Pin INH is
activated (switches to V
S) and the internal termination resistor is switched on. The local
wake-up request is indicated both by a low level at pin RXD to interrupt the microcontroller and
by a strong pull-down at pin TXD (see Figure 3-5). The voltage threshold for a wake-up signal
is 3V below the VS voltage with an output current of typically –3µA. Even in case of a continu-
ous low at pin WAKE it is possible to switch the IC into sleep mode via a low level at pin EN.
The IC will remain in sleep mode for an unlimited time. To generate a new wake-up at pin
WAKE, a high signal > 6 µs is required. A negative edge then starts the wake-up filtering time
again.
Figure 3-5.
Wake-up from Wake-up Switch
3.14
Wake-up Source Recognition
The device can distinguish between a local wake-up request (pin WAKE) and a remote
wake-up request (LIN bus). The wake-up source can be read at pin TXD in fail-safe mode. If
an external pull-up resistor (typically 5k
Ω) has been added on pin TXD to the power supply of
the microcontroller, a high level indicates a remote wake-up request (weak pull-down at pin
TXD), a low level indicates a local wake-up request (strong pull-down at pin TXD).
The wake-up request flag (indicated at pin RXD) as well as the wake-up source flag (indicated
at pin TXD) are reset immediately if the microcontroller sets pin EN to high (see Figure 3-2 on
page 6 and Figure 3-5 on page 8).
Microcontroller start-up
delay time
Wake filtering time
tWAKE
Off state
Node in sleep state
High or floating
TXD weak pull-down resistor
Low or floating
State change
TXD strong pull-down
Node in
operation
Weak
pull-down
EN High
High
Low
On state
High
Regulator wake-up time delay
Wake pin
INH
EN
TXD
RXD
Voltage
regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com