Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6663-FAQW Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATA6663-FAQW
Description  LIN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6663-FAQW Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATA6663-FAQW Datasheet HTML 12Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 13Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 14Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 15Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 16Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 17Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 18Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 19Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
9146D–AUTO–09/10
Atmel ATA6663/ATA6664
Figure 8-2.
DFN8
TITLE
DRAWING NO.
REV.
Package Drawing Contact:
packagedrawings@atmel.com
6.543-5165.02-4
COMMON DIMENSIONS
(Unit of Measure = mm)
MIN
NOM
NOTE
MAX
Symbol
1
Exposed pad 2.4x1.6
Package: VQFN_3x3_8L
03/03/10
Dimensions in mm
specifications
according to DIN
technical drawings
0.02
0.05
0.0
A1
33.1
2.9
E
0.28
0.35
0.25
b
0.65 BSC
e
0.4
0.45
0.35
L
1.6
1.65
1.55
E2
2.4
2.45
2.35
D2
33.1
2.9
D
0.2
0.25
0.15
A3
0.9
1
0.8
A
D
1
8
PIN 1 ID
Partially Plated Surface
b
Z 10:1
Top View
Side View
Bottom View
e
D2
14
8
5
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com