Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6663-FAQW Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATA6663-FAQW
Description  LIN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6663-FAQW Datasheet(HTML) 1 Page - ATMEL Corporation

  ATA6663-FAQW Datasheet HTML 1Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 2Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 3Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 4Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 5Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 6Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 7Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 8Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
• Operating Range from 5V to 27V
• Baud Rate up to 20Kbaud
• Improved Slew Rate Control According to LIN Specification 2.0, 2.1 and SAEJ2602-2
• Fully Compatible with 3.3V and 5V Devices
• Atmel ATA6663: TXD Time-out Timer, Atmel ATA6664: No TXD Time-out Timer
• Normal and Sleep Mode
• Wake-up Capability via LIN Bus (90µs Dominant)
• External Wake-up via WAKE Pin (35µs Low Level)
• INH Output to Control an External Voltage Regulator or to Switch the Master Pull-up
• Very Low Standby Current During Sleep Mode (10µA)
• Wake-up Source Recognition
• Bus Pin Short-circuit Protected versus GND and Battery
• LIN Input Current < 2µA if V
BAT Is Disconnected
• Overtemperature Protection
• High EMC Level
• Interference and Damage Protection According to ISO/CD 7637
• Fulfills the OEM “Hardware Requirements for LIN in Automotive Applications Rev.1.1”
1.
Description
The Atmel ATA6663 is a fully integrated LIN transceiver complying with the LIN
specification 2.0, 2.1 and SAEJ2602-2. The Atmel ATA6664 is an identical version,
the only difference is that the TXD-dominant Time-out function is disabled so the
device is able to send a static low signal to the LIN bus. It interfaces the LIN protocol
handler and the physical layer. The device is designed to handle the low-speed data
communication in vehicles, for example, in convenience electronics. Improved slope
control at the LIN bus ensures secure data communication at up to 20Kbaud with an
RC oscillator for protocol handling. Sleep Mode guarantees minimal current consump-
tion even in the case of a floating bus line or a short circuit on the LIN bus to GND.
The ATA6663/ATA6664 feature advanced EMI and ESD performance.
LIN Transceiver
Atmel ATA6663
Atmel ATA6664
9146D–AUTO–09/10


Similar Part No. - ATA6663-FAQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
LIN Transceiver
More results

Similar Description - ATA6663-FAQW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
LIN TRANSCEIVER
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
LIN Transceiver
Rev. 1.3, Dec. 2004
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
LIN Transceiver
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
LIN Transceiver
February, 2010 ??Rev. 7
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
LIN Transceiver
logo
Infineon Technologies A...
TLE7257 INFINEON-TLE7257 Datasheet
2Mb / 31P
LIN Transceiver
Rev. 1.0, 2013-10-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com