Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6663-FAQW Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATA6663-FAQW
Description  LIN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6663-FAQW Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATA6663-FAQW Datasheet HTML 12Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 13Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 14Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 15Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 16Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 17Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 18Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 19Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
9146D–AUTO–09/10
Atmel ATA6663/ATA6664
Figure 6-2.
Application Circuit
VS
VS
INH
8
EN
2
RXD
12V
5V
V
BAT
1k
100 nF
Atmel ATA6663/ATA6664
2.7 k
Ω
10 k
Ω
1
Short-circuit and
overtemperature
protection
Control unit
Slew rate control
Wake-up bus timer
Filter
Master node
pull-up
Wake-up
timer
TXD
Time-out
timer
Sleep mode
Receiver
WAKE
3
TXD
Microcontroller
IO
VDD
External
switch
4
5
GND
6
7
VS
LIN
220 pF
22 µF
GND
(only ATA6663)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com