Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6663-FAQW Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA6663-FAQW
Description  LIN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6663-FAQW Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA6663-FAQW Datasheet HTML 5Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 6Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 7Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 8Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 9Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 10Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 11Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 12Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
9146D–AUTO–09/10
Atmel ATA6663/ATA6664
3.15
Fail-safe Features
• During a short-circuit at LIN to V
BAT, the output limits the output current to IBUS_LIM. Due
to the power dissipation, the chip temperature exceeds T
off, and the LIN output is switched
off. The chip cools down, and after a hysteresis of T
hys, it switches the output on again.
• During a short-circuit from LIN to GND the IC can be switched to sleep mode, and even in
this case the current consumption is lower than 45µA. When the short-circuit has elapsed,
the IC starts with a remote wake-up.
•If the Atmel
® ATA6663/ATA6664 is in sleep mode and a floating condition occurs on the
bus, the IC switches back to sleep mode automatically. The current consumption is lower
than 45µA in this case.
• The reverse current is < 2µA at pin LIN during loss of V
BAT. This is the best behavior for bus
systems where some slave nodes are supplied from battery or ignition.
• Pin EN provides a pull-down resistor to force the transceiver into sleep mode if EN is
disconnected
• Pin RXD is set floating if V
BAT is disconnected
• Pin TXD provides a pull-down resistor to provide a static low if TXD is disconnected
• The INH output transistor is protected by temperature monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com