Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6663-FAQW Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATA6663-FAQW
Description  LIN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6663-FAQW Datasheet(HTML) 3 Page - ATMEL Corporation

  ATA6663-FAQW Datasheet HTML 1Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 2Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 3Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 4Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 5Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 6Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 7Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 8Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
9146D–AUTO–09/10
Atmel ATA6663/ATA6664
3.
Functional Description
3.1
Physical Layer Compatibility
Since the LIN physical layer is independent from higher LIN layers (e.g., the LIN protocol
layer), all nodes with a LIN physical layer according to LIN2.x can be used along with LIN
physical layer nodes, which are according to older versions (i.e., LIN1.0, LIN1.1, LIN1.2,
LIN1.3), without any restrictions.
3.2
Supply Pin (V
S)
Undervoltage detection is implemented to disable transmission if V
S falls to a value below 5V
in order to avoid false bus messages. After switching on V
S, the IC switches to fail-safe mode
and INHIBIT is switched on. The supply current in sleep mode is typically 10µA.
3.3
Ground Pin (GND)
The Atmel ATA6663/ATA6664 does not affect the LIN Bus in the case of a GND disconnec-
tion. It is able to handle a ground shift up to 11.5% of V
S.
3.4
Bus Pin (LIN)
A low-side driver with internal current limitation and thermal shutdown, and an internal pull-up
resistor are implemented as specified by LIN2.x. The voltage range is from –27V to +40V. This
pin exhibits no reverse current from the LIN bus to V
S, even in the case of a GND shift or VBatt
disconnection. The LIN receiver thresholds are compatible to the LIN protocol specifica-
tion.The fall time (from recessive to dominant) and the rise time (from dominant to recessive)
are slope controlled. The output has a self-adapting short-circuit limitation: During current limi-
tation, as the chip temperature increases, the current is reduced.
Note:
The internal pull-up resistor is only active in normal and fail-safe mode.
3.5
Input/Output Pin (TXD)
In Normal Mode the TXD pin is the microcontroller interface to control the state of the LIN out-
put. TXD must be at Low- level in order to have a low LIN Bus. If TXD is high, the LIN output
transistor is turned off and the Bus is in recessive state. The TXD pin is compatible to both a
3.3V or 5V supply. During fail-safe Mode, this pin is used as output and is signalling the wake-
up source (see Section 3.14 “Wake-up Source Recognition” on page 8). It is current limited to
<8mA.
3.6
TXD Dominant Time-out Function (only Atmel ATA6663)
The TXD input has an internal pull-down resistor. An internal timer prevents the bus line from
being driven permanently in dominant state. If TXD is forced to low longer than t
DOM > 40ms,
the pin LIN will be switched off (recessive mode). To reset this mode, TXD needs to be
switched to high (> 10µs) before switching LIN to dominant again.
Note:
The ATA6664 does not provide this functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com