Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6663-FAQW Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA6663-FAQW
Description  LIN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6663-FAQW Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA6663-FAQW Datasheet HTML 1Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 2Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 3Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 4Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 5Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 6Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 7Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 8Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
9146D–AUTO–09/10
Atmel ATA6663/ATA6664
3.7
Output Pin (RXD)
This pin forwards information on the state of the LIN bus to the microcontroller. LIN high
(recessive) is indicated by a high level at RXD, LIN low (dominant) is reported by a low voltage
at RXD. The output is an open drain, therefore, it is compatible to a 3.3V or 5V power supply.
The AC characteristics are defined by a pull-up resistor of 5k
Ω to 5V and a load capacitor of
20pF. The output is short-current protected. In unpowered mode (V
S = 0V), RXD is switched
off. For ESD protection a Zener diode with V
Z = 6.1V is integrated.
3.8
Enable Input Pin (EN)
This pin controls the operation mode of the device. If EN = 1, the device is in normal mode,
with the transmission path from TXD to LIN and from LIN to RXD both active. At a falling edge
on EN, while TXD is already set to high, the device switches to sleep mode and transmission
is not possible. In sleep mode, the LIN bus pin is connected to V
S with a weak pull-up current
source. The device can transmit only after being woken up (see Section 3.9, “Inhibit Output
Pin (INH)” ).
During sleep mode the device is still supplied from the battery voltage. The supply current is
typically 10µA. The pin EN provides a pull-down resistor in order to force the transceiver into
sleep mode in case the pin is disconnected.
3.9
Inhibit Output Pin (INH)
This pin is used to control an external voltage regulator or to switch on/off the LIN Master
pull-up resistor in case the device is used in a Master node. The inhibit pin provides an internal
switch towards pin V
S which is protected by temperature monitoring. If the device is in normal
or fail-safe mode, the inhibit high-side switch is turned on. When the device is in sleep mode,
the inhibit switch is turned off, thus disabling the voltage regulator or other connected external
devices.
A wake-up event on the LIN bus or at pin WAKE will switch the INH pin to the V
S level. After a
system power-up (V
S rises from zero), the pin INH switches automatically to the VS level.
3.10
Wake-up Input Pin (WAKE)
This pin is a high-voltage input used to wake-up the device from sleep mode. It is usually
connected to an external switch in the application to generate a local wake-up. A pull-up cur-
rent source with typically –10µA is implemented. The voltage threshold for a wake-up signal is
3V below the VS voltage with an output current of typically –3µA.
If a local wake-up is not needed in the application, pin WAKE can directly be connected to pin
VS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com