Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6663-FAQW Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATA6663-FAQW
Description  LIN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6663-FAQW Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATA6663-FAQW Datasheet HTML 10Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 11Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 12Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 13Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 14Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 15Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 16Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 17Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
9146D–AUTO–09/10
Atmel ATA6663/ATA6664
10
LIN Bus Driver AC Parameter with Different Bus Loads
Load 1 (small): 1nF, 1k
Ω ; Load 2 (large): 10nF, 500Ω ; R
RXD = 5kΩ ; CRXD = 20pF;
Load 3 (medium): 6.8nF, 660
Ω characterized on samples; 10.1 and 10.2 specifies the timing parameters for proper
operation at 20Kbit/s, 10.3 and 10.4 at 10.4Kbit/s.
10.1
Duty cycle 1
TH
Rec(max) = 0.744 × VS
TH
Dom(max) = 0.581 × VS
VS = 7.0V to 18V
t
Bit = 50µs
D1 = t
bus_rec(min) /(2 × tBit)
6D1
0.396
A
10.2
Duty cycle 2
TH
Rec(min) = 0.422 × VS
THDom(min) = 0.284 × VS
V
S = 7.0V to 18V
t
Bit = 50µs
D2 = tbus_rec(max) /(2 × tBit)
6
D2
0.581
A
10.3
Duty cycle 3
THRec(max) = 0.778 × VS
TH
Dom(max) = 0.616 × VS
V
S = 7.0V to 18V
tBit = 96µs
D3 = t
bus_rec(min) /(2 × tBit)
6D3
0.417
A
10.4
Duty cycle 4
TH
Rec(min) = 0.389 × VS
TH
Dom(min) = 0.251 × VS
VS = 7.0V to 18V
t
Bit = 96µs
D4 = t
bus_rec(max) /(2 × tBit)
6
D4
0.590
A
11
Receiver Electrical AC Parameters of the LIN Physical Layer
LIN receiver, RXD load conditions: CRXD = 20pF, Rpull-up = 5kΩ
11.1
Propagation delay of receiver
(see Figure 6-1 on page 15)
trec_pd = max(trx_pdr , trx_pdf)
V
S = 7.0V to 18V
1trx_pd
6µs
A
11.2
Symmetry of receiver
propagation delay rising edge
minus falling edge
trx_sym = trx_pdr – trx_pdf
V
S = 7.0V to 18V
1trx_sym
–2
+2
µs
A
6.
Electrical Characteristics (Continued)
5V < VS < 27V, Tj = –40°C to +150°C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com