Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6663-FAQW Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA6663-FAQW
Description  LIN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6663-FAQW Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA6663-FAQW Datasheet HTML 7Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 8Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 9Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 10Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 11Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 12Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 13Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 14Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
9146D–AUTO–09/10
Atmel ATA6663/ATA6664
6.
Electrical Characteristics
5V < V
S < 27V, Tj = –40°C to +150°C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1V
S Pin
1.1
DC voltage range nominal
7
V
S
5
13.5
27
V
A
1.2
Supply current in sleep mode
Sleep mode
VLIN > VS – 0.5V
V
S < 14V
7IVSsleep
10
20
µA
A
Sleep mode,
bus shorted to GND
VLIN = 0V
V
S < 14V
7I
VSsleep_sc
23
45
µA
A
1.3
Supply current in normal mode
Bus recessive
V
S < 14V
7IVSrec
0.9
1.3
mA
A
1.4
Bus dominant
VS < 14V
Total bus load > 500
Ω
7IVSdom
1.2
2
mA
A
1.5
Supply current in fail-safe mode
Bus recessive
V
S < 14V
7IVSfail
0.5
1.1
mA
A
1.6
V
S undervoltage threshold on
7
V
Sth
44.95
V
A
1.7
V
S undervoltage threshold off
7
V
Sth
4.05
5
V
A
1.8
V
S undervoltage threshold
hysteresis
7V
Sth_hys
50
500
mV
A
2
RXD Output Pin (Open Drain)
2.1
Low-level output sink current
Normal mode
V
LIN = 0V, VRXD = 0.4V
1IRXDL
1.3
2.5
8
mA
A
2.2
RXD saturation voltage
5-k
Ω pull-up resistor to 5V
1
Vsat
RXD
0.4
V
A
2.3
High-level leakage current
Normal mode
VLIN = VBAT, VRXD = 5V
1IRXDH
–3
+3
µA
A
2.4
ESD Zener diode
IRXD = 100µA
1
VZRXD
5.8
8.6
V
A
3
TXD Input Pin
3.1
Low-level voltage input
4
VTXDL
–0.3
+0.8
V
A
3.2
High-level voltage input
4
VTXDH
27
V
A
3.3
Pull-down resistor
VTXD = 5V
4
RTXD
125
250
600
k
Ω
A
3.4
Low-level leakage current
VTXD = 0V
4
ITXD_leak
–3
+3
µA
A
3.5
Low-level output sink current
Fail-safe mode, local wake-up
VTXD = 0.4V
V
LIN = VBAT
4ITXD
1.3
2.5
8
mA
A
4EN Input Pin
4.1
Low-level voltage input
2
V
ENL
–0.3
+0.8
V
A
4.2
High-level voltage input
2
V
ENH
27
V
A
4.3
Pull-down resistor
V
EN = 5V
2
R
EN
125
250
600
k
Ω
A
4.4
Low-level input current
V
EN = 0V
2
I
EN
–3
+3
µA
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com