Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6663-FAQW Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA6663-FAQW
Description  LIN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6663-FAQW Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA6663-FAQW Datasheet HTML 9Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 10Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 11Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 12Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 13Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 14Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 15Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 16Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
9146D–AUTO–09/10
Atmel ATA6663/ATA6664
7.12
Leakage current at loss of
battery; node has to substain the
current that can flow under this
condition; bus must remain
operational under this condition
VBAT disconnected
V
SUP_Device = GND
0V < VBUS < 18V
6I
BUS_NO_Bat
0.1
2
µA
A
7.13
Capacitance on pin LIN to GND
6
C
LIN
20
pF
D
8
LIN Bus Receiver
8.1
Center of receiver threshold
V
BUS_CNT =
(V
th_dom + Vth_rec)/2
6VBUS_CNT
0.475
×
V
S
0.5
×
V
S
0.525
× V
S
VA
8.2
Receiver dominant state
V
EN = 5V
6
V
BUSdom
–27
0.4
×
VS
VA
8.3
Receiver recessive state
V
EN = 5V
6
V
BUSrec
0.6
×
V
S
40
V
A
8.4
Receiver input hysteresis
VHYS = Vth_rec – Vth_dom
6VBUShys
0.028
×
V
S
0.1
×
V
S
0.175
× V
S
VA
8.5
Pre-wake detection LIN
High-level input voltage
6V
LINH
V
S –
2V
V
S +
0.3V
VA
8.6
Pre-wake detection LIN
Low-level input voltage
Switches the LIN receiver on
6
V
LINL
–27V
VS –
3.3V
VA
8.7
LIN Pre-wake pull-up current
V
S < 27V
V
LIN = 0V
6ILINWAKE
–30
–10
µA
A
9
Internal Timers
9.1
Dominant time for wake-up via
LIN bus
V
LIN = 0V
6
t
BUS
30
90
150
µs
A
9.2
Time of low pulse for wake-up
via pin WAKE
VWAKE = 0V
3
tWAKE
735
50
µs
A
9.3
Time delay for mode change
from fail-safe mode to normal
mode via pin EN
VEN = 5V
2
tnorm
2
7
15
µs
A
9.4
Time delay for mode change
from normal mode into sleep
mode via pin EN
V
EN = 0V
2
t
sleep
715
24
µs
A
9.5
Atmel ATA6663:
TXD dominant time out time
V
TXD = 0V
4
t
dom
40
60
85
ms
A
9.6
Power-up delay between VS =5V
until INH switches to high
VVS = 5V
7, 8
tVS
200
µs
A
9.7
Monitoring time for wake-up via
LIN bus
6tmon
610
15
ms
A
6.
Electrical Characteristics (Continued)
5V < VS < 27V, Tj = –40°C to +150°C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com