Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6663-FAQW Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA6663-FAQW
Description  LIN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6663-FAQW Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA6663-FAQW Datasheet HTML 1Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 2Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 3Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 4Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 5Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 6Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 7Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 8Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
9146D–AUTO–09/10
Atmel ATA6663/ATA6664
3.11
Operation Modes
1.
Normal Mode
This is the normal transmitting and receiving mode. All features are available.
2.
Sleep Mode
In this mode the transmission path is disabled and the device is in low-power mode.
Supply current from V
Batt is typically 10µA. A wake-up signal from the LIN bus or via
pin WAKE will be detected and will switch the device to fail-safe mode. If EN then
switches to high, normal mode is activated. Input debounce timers at pin WAKE
(t
WAKE), LIN (tBUS) and EN (tsleep,tnom) prevent unwanted wake-up events due to auto-
motive transients or EMI. In sleep mode the INH pin remains floating. The internal
termination between pin LIN and pin V
S is disabled. Only a weak pull-up current (typ-
ical 10 µA) between pin LIN and pin V
S is present. Sleep mode can be activated
independently from the actual level on pin LIN or WAKE.
3.
Fail-safe Mode
At system power-up or after a wake-up event, the device automatically switches to
fail-safe mode. It switches the INH pin to a high state, to the V
S level when VS
exceeds 5V. LIN communication is switched off. The microcontroller of the application
will then confirm normal mode by setting the EN pin to high.
Figure 3-1.
Mode of Operation
Wake-up events from sleep mode:
•LIN bus
•EN pin
• WAKE pin
• VS undervoltage
Figure 3-1 on page 5, Figure 3-2 on page 6 and Figure 3-5 on page 8 show the details of
wake-up operations.
Table 3-1.
Table of Operation Modes
Mode of Operation
Transceiver
INH
RXD
LIN
Fail-safe
Off
On, except
VS < 5V
High, except after
wake-up
Recessive
Normal
On
On
LIN depending
TXD depending
Sleep
Off
Off
High ohmic
Recessive
Fail-safe Mode
Communication: OFF
RXD: see table of Modes
INH: high (INH HS switch ON) if VS > 5V
a
Sleep Mode
INH: high impedance (INH HS switch OFF)
Communication: OFF
EN = 0
Go to sleep command
EN = 1
Local wake-up event
a: Power-up (V
S > 3V)
b: V
S < 5V
c: Bus wake-up event
d: Wake-up from wake switch
b
EN = 1
& NOT b
b
c or d
Normal Mode
INH: high (INH HS switch ON)
Communication: ON
Power-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com