Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6663-FAQW Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATA6663-FAQW
Description  LIN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6663-FAQW Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA6663-FAQW Datasheet HTML 1Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 2Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 3Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 4Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 5Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 6Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 7Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 8Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
9146D–AUTO–09/10
Atmel ATA6663/ATA6664
Figure 1-1.
Block Diagram
2.
Pin Configuration
Figure 2-1.
Pinning SO8
VS
GND
5
6
LIN
7
1
4
RXD
TXD
WAKE
EN
3
2
8
INH
Short-circuit and over-
temperature protection
Receiver
Filter
Wake-up bus timer
Slew rate control
TXD
time-out
timer
VS
Wake-up
timer
Sleep mode
VS
Control unit
(only ATA6663)
RXD
EN
WAKE
TXD
INH
VS
LIN
GND
1
2
3
4
8
7
6
5
Table 2-1.
Pin Description
Pin
Symbol
Function
1
RXD
Receive data output (open drain)
2
EN
Enables normal mode; when the input is open or low, the device is in sleep mode
3
WAKE
High voltage input for local wake-up request. If not needed, connect directly to VS
4
TXD
Transmit data input; active low output (strong pull-down) after a local wake-up request
5
GND
Ground, heat sink
6
LIN
LIN bus line input/output
7
VS
Battery supply
8INH
Battery-related inhibit output for controlling an external voltage regulator or to switch-off the LIN master
pull-up resistor; active high after a wake-up request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com