Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6663-FAQW Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATA6663-FAQW
Description  LIN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6663-FAQW Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATA6663-FAQW Datasheet HTML 8Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 9Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 10Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 11Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 12Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 13Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 14Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 15Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
9146D–AUTO–09/10
Atmel ATA6663/ATA6664
5
INH Output Pin
5.1
High-level voltage
Normal or fail-safe mode
I
INH = –15mA
8V
INHH
VS –
0.75
V
S
VA
5.2
Switch-on resistance between
VS and INH
Normal or fail-safe mode
8
RINH
30
50
Ω
A
5.3
Leakage current
Sleep mode
VINH = 0V/27V, VS = 27V
8I
INHL
–3
+3
µA
A
6
WAKE Pin
6.1
High-level input voltage
3
V
WAKEH
VS –
1V
VS +
0.3V
VA
6.2
Low-level input voltage
IWAKE = typically –3µA
3
VWAKEL
–1V
V
S –
3.3V
VA
6.3
Wake pull-up current
V
S < 27V
3
I
WAKE
–30
–10
µA
A
6.4
High-level leakage current
V
S = 27V, VWAKE = 27V
3
I
WAKE
–5
+5
µA
A
7
LIN Bus Driver
7.1
Driver recessive output voltage
R
LOAD = 500Ω /1kΩ
6V
BUSrec
0.9
×
VS
V
S
VA
7.2
Driver dominant voltage
V
BUSdom_DRV_LoSUP
V
VS = 7V, Rload = 500Ω
6V
_LoSUP
1.2
V
A
7.3
Driver dominant voltage
V
BUSdom_DRV_HiSUP
VVS = 18V, Rload = 500Ω
6V_HiSUP
2V
A
7.4
Driver dominant voltage
VBUSdom_DRV_LoSUP
V
VS = 7V, Rload = 1000Ω
6V
_LoSUP_1k
0.6
V
A
7.5
Driver dominant voltage
V
BUSdom_DRV_HiSUP
VVS = 18V, Rload = 1000Ω
6V_HiSUP_1k_
0.8
V
A
7.6
Pull-up resistor to V
S
The serial diode is mandatory
6
R
LIN
20
30
47
k
Ω
A
7.7
Voltage drop at the serial diodes
In pull-up path with R
slave
ISerDiode = 10mA
6VSerDiode
0.4
1.0
V
D
7.8
LIN current limitation
VBUS = VBAT_max
6I
BUS_LIM
40
120
200
mA
A
7.9
Input leakage current at the
receiver, including pull-up
resistor as specified
Input leakage current
Driver off
VBUS = 0V, VS = 12V
6I
BUS_PAS_dom
–1
mA
A
7.10
Leakage current LIN recessive
Driver off
8V < VBAT < 18V
8V < V
BUS < 18V
VBUS ≥ VBAT
6IBUS_PAS_rec
10
20
µA
A
7.11
Leakage current at ground loss;
control unit disconnected from
ground; loss of local ground must
not affect communication in the
residual network
GNDDevice = VS
V
BAT =12V
0V < VBUS < 18V
6I
BUS_NO_Gnd
–10
+0.5
+10
µA
A
6.
Electrical Characteristics (Continued)
5V < VS < 27V, Tj = –40°C to +150°C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com