Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 16 Page - Silicon Storage Technology, Inc

Part # SST25WF080
Description  8Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF080 Datasheet(HTML) 16 Page - Silicon Storage Technology, Inc

Back Button SST25WF080 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 20Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
16
Advance Information
8Mbit 1.8V SPI Serial Flash
SST25WF080
©2010 Silicon Storage Technology, Inc.
S71203-03-000
04/10
Read-Status-Register (RDSR)
The Read-Status-Register (RDSR) instruction, 05H, allows
reading of the status register. The status register may be
read at any time even during a Write (Program/Erase)
operation. When a Write operation is in progress, the Busy
bit may be checked before sending any new commands to
assure that the new commands are properly received by
the device. CE# must be driven low before the RDSR
instruction is entered and remain low until the status data is
read. Read-Status-Register is continuous with ongoing
clock cycles until it is terminated by a low to high transition
of the CE#. See Figure 18 for the RDSR instruction
sequence.
FIGURE 18: Read-Status-Register (RDSR) Sequence
Write-Enable (WREN)
The Write-Enable (WREN) instruction, 06H, sets the Write-
Enable-Latch bit in the Status Register to 1 allowing Write
operations to occur. The WREN instruction must be exe-
cuted prior to any Write (Program/Erase) operation. The
WREN instruction may also be used to allow execution of
the Write-Status-Register (WRSR) instruction; however,
the Write-Enable-Latch bit in the Status Register will be
cleared upon the rising edge CE# of the WRSR instruction.
CE# must be driven high before the WREN instruction is
executed. See Figure 19 for the WREN instruction
sequence.
FIGURE 19: Write Enable (WREN) Sequence
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1203 F17.0
MODE 3
SCK
SI
SO
CE#
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
05
MODE 0
HIGH IMPEDANCE
Status
Register Out
MSB
MSB
CE#
SO
SI
SCK
01 2 3 4 5 6 7
06
HIGH IMPEDANCE
MODE 0
MODE 3
1203 F18.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com