Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST25WF080
Description  8Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF080 Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST25WF080 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
Advance Information
8Mbit 1.8V SPI Serial Flash
SST25WF080
©2010 Silicon Storage Technology, Inc.
S71203-03-000
04/10
MEMORY ORGANIZATION
The SST25WF080 SuperFlash memory arrays are orga-
nized in uniform 4 KByte sectors with 16 KByte, 32 KByte,
and 64 KByte overlay erasable blocks.
DEVICE OPERATION
The SST25WF080 are accessed through the SPI (Serial
Peripheral Interface) bus compatible protocol. The SPI bus
consist of four control lines; Chip Enable (CE#) is used to
select the device, and data is accessed through the Serial
Data Input (SI), Serial Data Output (SO), and Serial Clock
(SCK).
The SST25WF080 support both Mode 0 (0,0) and Mode 3
(1,1) of SPI bus operations. The difference between the
two modes, as shown in Figure 4, is the state of the SCK
signal when the bus master is in Stand-by mode and no
data is being transferred. The SCK signal is low for Mode 0
and SCK signal is high for Mode 3. For both modes, the
Serial Data In (SI) is sampled at the rising edge of the SCK
clock signal and the Serial Data Output (SO) is driven after
the falling edge of the SCK clock signal.
FIGURE 4: SPI Protocol
1203 F03.0
MODE 3
SCK
SI
SO
CE#
MODE 3
DON'T CARE
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MODE 0
MODE 0
HIGH IMPEDANCE
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com