Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST25WF080
Description  8Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF080 Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST25WF080 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Advance Information
8Mbit 1.8V SPI Serial Flash
SST25WF080
9
©2010 Silicon Storage Technology, Inc.
S71203-03-000
04/10
INSTRUCTIONS
Instructions are used to read, write (Erase and Program),
and configure the SST25WF080. The instruction bus
cycles are 8 bits each for commands (Op Code), data, and
addresses. The Write-Enable (WREN) instruction must be
executed prior to Byte-Program, Auto Address Increment
(AAI) programming, Sector-Erase, Block-Erase, Write-Sta-
tus-Register, or Chip-Erase instructions. The complete
instructions are provided in Table 6. All instructions are syn-
chronized off a high-to-low transition of CE#. Inputs will be
accepted on the rising edge of SCK starting with the most
significant bit. CE# must be driven low before an instruction
is entered and must be driven high after the last bit of the
instruction has been shifted in (except for Read, Read-ID,
and Read-Status-Register instructions). Any low-to-high
transition on CE#, before receiving the last bit of an instruc-
tion bus cycle, will terminate the instruction in progress and
return the device to standby mode. Instruction commands
(Op Code), addresses, and data are all input from the most
significant bit (MSB) first.
TABLE
6: Device Operation Instructions for SST25WF080
Instruction
Description
Op Code Cycle1
1. One bus cycle is eight clock periods.
Address
Cycle(s)2
2. Address bits above the most significant bit of each density can be VIL or VIH.
Dummy
Cycle(s)
Data
Cycle(s)
Maximum
Frequency
Read
Read Memory
0000 0011b (03H)
3
0
1 to
∞
33 MHz
High-Speed Read
Read Memory at Higher Speed
0000 1011b (0BH)
3
1
1 to
∞
75 MHz
4 KByte Sector-Erase3
3. 4 KByte Sector-Erase addresses: use AMS-A12, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 4 KByte of memory array
0010 0000b (20H)
3
0
0
32 KByte Block-Erase4
4. 32 KByte Block-Erase addresses: use AMS-A15, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 32 KByte block
of memory array
0101 0010b (52H)
3
0
0
64 KByte Block-Erase5
5. 64 KByte Block-Erase addresses: use AMS-A16, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 64 KByte block
of memory array
1101 1000b (D8H)
3
0
0
Chip-Erase
Erase Full Memory Array
0110 0000b (60H) or
1100 0111b (C7H)
00
0
Byte-Program
To Program One Data Byte
0000 0010b (02H)
3
0
1
AAI-Word-Program6
6. To continue programming to the next sequential address location, enter the 8-bit command, ADH, followed by 2 bytes of data to be
programmed. Data Byte 0 will be programmed into the initial address [A23-A1] with A0=0, Data Byte 1 will be programmed into the
initial address [A23-A1] with A0 = 1.
Auto Address Increment
Programming
1010 1101b (ADH)
3
0
2 to
∞
RDSR7
7. The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE#.
Read-Status-Register
0000 0101b (05H)
0
0
1 to
∞
EWSR8
8. Either EWSR or WREN followed by WRSR will write to the Status register. The EWSR-WRSR sequence provides backward compat-
ibility to the SST25VF/LF series. The WREN-WRSR sequence is recommended for new designs.
Enable-Write-Status-Register
0110 0000b (50H)
0
0
0
WRSR
Write-Status-Register
0000 0001b (01H)
0
0
1
WREN8
Write-Enable
0000 0110b (06H)
0
0
0
WRDI
Write-Disable
0000 0100b (04H)
0
0
0
RDID9
9. Manufacturer’s ID is read with A0=0, and Device ID is read with A0=1. All other address bits are 00H. The Manufacturer’s ID and
device ID output stream is continuous until terminated by a low-to-high transition on CE#.
Read-ID
1001 0000b (90H) or
1010 1011b (ABH)
30
1 to
∞
EBSY
Enable SO to output RY/BY# sta-
tus during AAI programming
0111 0000b (70H)
0
0
0
DBSY
Disable SO to output RY/BY# sta-
tus during AAI programming
1000 0000b (80H)
0
0
0
JEDEC-ID
JEDEC ID read
1001 1111b (9FH)
0
0
3 to
∞
EHLD
Enable HOLD# pin functionality of
the RST#/HOLD# pin
1010 1010b (AAH)
0
0
0
T6.0 1203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com